Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE97022-11 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE97022-11
Description  3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE97022-11 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE97022-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE97022-11 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product Specification
PE97022
Page 5 of 14
Document No. 70-0235-04
│ www.psemi.com
©2007-2008 Peregrine Semiconductor Corp. All rights reserved.
Table 2. Absolute Maximum Ratings
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Table 4. ESD Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS™ device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS™
devices are immune to latch-up.
Table 3. Operating Ratings
Table 5. DC Characteristics: VDD = 3.3 V, -40° C < TA < 85° C, unless otherwise specified
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD
+ 0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature
range
-65
150
°C
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage (Human Body Model)
– Note 1
1000
V
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.45
V
TA
Operating ambient
temperature range
-40
85
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
VDD = 2.85 to 3.45 V
Prescaler disabled
15
mA
Prescaler enabled
45
50
mA
Digital Inputs: All except fr, Fin, Fin
VIH
High level input voltage
VDD = 2.85 to 3.45 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.45 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.45 V
70
µA
IIL
Low level input current
VIL = 0, VDD = 3.45 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.45 V
100
µA
IILR
Low level input current
VIL = 0, VDD = 3.45 V
-100
µA
Counter and phase detector outputs: fc, fp.
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Lock detect outputs: Cext, LD
VOLC
Output voltage LOW, Cext
Iout = 100 µA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -100 µA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V


Similar Part No. - PE97022-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE97022-11

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com