Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43404MLI-Z Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE43404MLI-Z
Description  75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43404MLI-Z Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE43404MLI-Z Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43404MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Product Specification
PE43404
Document No. 70-0258-02
│ www.psemi.com
Page 3 of 11
©2008 Peregrine Semiconductor Corp. All rights reserved.
Z=75 Ohm
Z=75 Ohm
or GND
SMA
SMA
SUPPLY
N/C
N/C
C9
0.1µF
C10
100pF
1
2
RFIN
3
DATA
4
CLK
5
LE
11
GND
12
VNEG
13
PS
14
RFOUT
15
C8
U4
MLPQ4X4
C12
0.1µF
C14
100pF
R23
10K
1
J18
1
J19
R24 0 OHM
R25
0 OHM
1
2
3
4
J20
DATA
PS
CLK
C8
LE
-VDD
VDD
VDD
Evaluation Kit
The Digital Attenuator Evaluation Kit was designed to
ease customer evaluation of the PE43404 DSA.
J9 is used in conjunction with the supplied DC cable to
supply VDD, GND, and –VDD. If use of the internal
negative voltage generator is desired, then connect –
VDD (black banana plug) to ground. If an external –VDD
is desired, then apply -3V.
J1 should be connected to the LPT1 port of a PC with
the supplied control cable. The evaluation software is
written to operate the DSA in serial mode, so switch 7
(P/S) on the DIP switch SW1 should be ON with all
other switches off. Using the software, enable or
disable
each
attenuation
setting
to
the
desired
combined attenuation.
The software automatically
programs the DSA each time an attenuation state is
enabled or disabled.
Note: Jumper J6 supplies power to the evaluation
board support circuits.
To evaluate the Power Up options, first disconnect the
control cable from the evaluation board. The control
cable must be removed to prevent the PC port from
biasing the control pins.
During power up with P/S=1 high and LE=1, the default
power-up signal attenuation is set to the value present
on the four control bits on the four parallel data inputs
(C1 to C8). This allows any one of the 32 attenuation
settings to be specified as the power-up state.
During power up with P/S=0 high and LE=0, the control
bits are automatically set to one of two possible values
presented through the PUP interface.
These two
values are selected by the power-up control bit, PUP2,
as shown in Table 6.
Pins 1 and 7 are open and may be connected to any
bias.
Figure 4. Evaluation Board Layout
Figure 5. Evaluation Board Schematic
Note: Resistor on pin 3 is required and
should be placed as close to the part
as possible to avoid package
resonance and meet error
specifications over frequency.
Peregrine Specification 102-0142
Figure 4. Evaluation Board Layout
Peregrine Specification 101-0112


Similar Part No. - PE43404MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
More results

Similar Description - PE43404MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com