Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE43703MLI-Z Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE43703MLI-Z
Description  50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43703MLI-Z Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE43703MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 14Page - Peregrine Semiconductor Corp. PE43703MLI-Z Datasheet HTML 15Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Product Specification
PE43703
Page 11 of 15
Document No. 70-0245-04
│ www.psemi.com
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Table 14. Parallel and Direct Interface AC
Table 13. Serial Interface AC Characteristics
Note:
fClk is verified during the functional pattern test. Serial
programming sections of the functional pattern are clocked
at 10 MHz to verify fclk specification.
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
VDD = 3.3 or 5.0 V, -40° C < TA < 85° C, unless otherwise specified
Figure 29. Serial-Addressable Timing Diagram
Figure 30. Latched-Parallel/Direct-Parallel Timing Diagram
Symbol
Parameter
Min
Max
Unit
FCLK
Serial clock frequency
-
10
MHz
TCLKH
Serial clock HIGH time
30
-
ns
TCLKL
Serial clock LOW time
30
-
ns
TLESU
Last serial clock rising edge
setup time to Latch Enable
rising edge
10
-
ns
TLEPW
Latch Enable min. pulse width
30
-
ns
TSISU
Serial data setup time
10
-
ns
TSIH
Serial data hold time
10
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TASU
Address setup time
100
-
ns
TAH
Address hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay (internal)
-
10
ns
Symbol
Parameter
Min
Max
Unit
TLEPW
Latch Enable minimum
pulse width
30
-
ns
TDISU
Parallel data setup time
100
-
ns
TDIH
Parallel data hold time
100
-
ns
TPSSU
Parallel/Serial setup time
100
-
ns
TPSIH
Parallel/Serial hold time
100
-
ns
TPD
Digital register delay
(internal)
-
10
ns
TDIPD
Digital register delay
(internal, direct mode only)
-
5
ns
Characteristics
VALID
T
DISU
T
DIH
DI[6:0]
LE
P/S
T
PSSU
T
PSH
T
LEPW
VALID
DO[6:0]
T
DIPD
T
PD
Bits can either be set to logic high or logic low
A[2]
A[1]
A[0]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
T
SISU
T
CLKL
T
LEPW
T
SIH
T
CLKH
SI
CLK
LE
P/S
T
LESU
T
PSSU
T
PSH
VALID
T
ASU
ADD[2:0]
T
AH
DO[6:0]
VALID
DI[6:0]
T
PD
T
DISU
T
DIH
D[0]


Similar Part No. - PE43703MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
More results

Similar Description - PE43703MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43072 PEREGRINE-PE43072 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
logo
Peregrine Semiconductor...
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
PE43501 PEREGRINE-PE43501 Datasheet
383Kb / 13P
   RF Digital Attenuator 5-bit, 7.75dB, DC-6.0 GHz
PE43601 PEREGRINE-PE43601 Datasheet
394Kb / 13P
   RF Digital Attenuator 6-bit, 15.75dB, DC-6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com