Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3834IDHC-1-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3834IDHC-1-PBF
Description  30關A IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834IDHC-1-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3834IDHC-1-PBF Datasheet HTML 1Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 2Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 3Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 4Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 5Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 6Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 7Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 8Page - Linear Technology LTC3834IDHC-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC3834-1
38341f
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25ºC, unless otherwise noted.
Efficiency and Power Loss vs
Output Current
Efficiency vs Load Current
Efficiency vs Input Voltage
Inductor Current at Light Load
Soft Start-Up
Tracking Start-Up
Load Step (Burst Mode Operation)
Load Step (Forced Continuous
Mode)
Load Step (Pulse Skipping Mode)
OUTPUT CURRENT (A)
0.0001
0.01
1
38341 G01
0.000001
1
10
1000
100
0.1
10000
40
50
60
70
80
30
20
10
0
90
100
Burst Mode OPERATION
FORCED CONTINUOUS MODE
PULSE SKIPPING MODE
VIN = 12V
VOUT = 3.3V
FIGURE 10 CIRCUIT
OUTPUT CURRENT (A)
0.0001
0.01
1
38341 G02
0.000001
40
50
60
70
80
90
100
VIN = 12V
VIN = 5V
FIGURE 10 CIRCUIT
VOUT = 3.3V
INPUT VOLTAGE (V)
88
90
94
96
98
515
38341 G03
86
84
0
10
20
40
25
30
35
82
80
92
VOUT = 3.3V
FIGURE 10 CIRCUIT
VOUT = 3.3V
FIGURE 10 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
38341 G04
20
μs/DIV
IL
2A/DIV
VOUT = 3.3V
FIGURE 10 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
38341 G05
20
μs/DIV
IL
2A/DIV
VOUT = 3.3V
FIGURE 10 CIRCUIT
VOUT
100mV/DIV
AC
COUPLED
38341 G06
20
μs/DIV
IL
2A/DIV
VOUT = 3.3V
ILOAD = 100μA
FIGURE 10 CIRCUIT
FORCED
CONTINUOUS
MODE
38341 G07
2
μs/DIV
2A/DIV
Burst Mode
OPERATION
PULSE
SKIPPING
MODE
38341 G08
20ms/DIV
FIGURE 10 CIRCUIT
VOUT
1V/DIV
38341 G09
20ms/DIV
FIGURE 10 CIRCUIT
MASTER
2V/DIV
VOUT
2V/DIV


Similar Part No. - LTC3834IDHC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834IFE-PBF LINER-LTC3834IFE-PBF Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IFE-TRPBF LINER-LTC3834IFE-TRPBF Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IUFD-PBF LINER-LTC3834IUFD-PBF Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834IUFD-TRPBF LINER-LTC3834IUFD-TRPBF Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
More results

Similar Description - LTC3834IDHC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com