Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3826IUH-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3826IUH-PBF
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826IUH-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3826IUH-PBF Datasheet HTML 7Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 8Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 9Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 10Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 11Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 12Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 13Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 14Page - Linear Technology LTC3826IUH-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3826
11
3826fc
OPERATION (Refer to Functional Diagram)
Main Control Loop
The LTC3826 uses a constant frequency, current mode
step-down architecture with the two controller channels
operating 180 degrees out of phase. During normal opera-
tion, each external top MOSFET is turned on when the clock
for that channel sets the RS latch, and is turned off when
the main current comparator, ICMP, resets the RS latch.
The peak inductor current at which ICMP trips and resets
the latch is controlled by the voltage on the ITH pin, which
is the output of the error amplifier EA. The error amplifier
compares the output voltage feedback signal at the VFB
pin, (which is generated with an external resistor divider
connected across the output voltage, VOUT, to ground) to
the internal 0.800V reference voltage. When the load cur-
rent increases, it causes a slight decrease in VFB relative
to the reference, which causes the EA to increase the ITH
voltage until the average inductor current matches the
new load current.
After the top MOSFET is turned off each cycle, the bottom
MOSFET is turned on until either the inductor current starts
to reverse, as indicated by the current comparator IR, or
the beginning of the next clock cycle.
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is left open or tied to a voltage less
than 4.7V, an internal 5.25V low dropout linear regulator
supplies INTVCC power from VIN. If EXTVCC is taken above
4.7V, the 5.25V regulator is turned off and a 7.5V low
dropout linear regulator is enabled that supplies INTVCC
power from EXTVCC. If EXTVCC is less than 7.5V (but
greater than 4.7V), the 7.5V regulator is in dropout and
INTVCC is approximately equal to EXTVCC. When EXTVCC
is greater than 7.5V (up to an absolute maximum rating
of 10V), INTVCC is regulated to 7.5V. Using the EXTVCC
pin allows the INTVCC power to be derived from a high
efficiency external source such as one of the LTC3826
switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor CB, which normally recharges during each
off cycle through an external diode when the top MOSFET
turns off. If the input voltage VIN decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about one twelfth of the clock period every tenth cycle to
allow CB to recharge.
Shutdown and Start-Up (RUN1, RUN2 and TRACK/
SS1, TRACK/SS2 Pins)
The two channels of the LTC3826 can be independently
shut down using the RUN1 and RUN2 pins. Pulling either
of these pins below 0.7V shuts down the main control
loop for that controller. Pulling both pins low disables
both controllers and most internal circuits, including the
INTVCC regulator, and the LTC3826 draws only 4μA of
quiescent current.
Releasing either RUN pin allows an internal 0.5μA current
to pull up the pin and enable that controller. Alternatively,
the RUN pin may be externally pulled up or driven directly
by logic. Be careful not to exceed the Absolute Maximum
rating of 7V on this pin.
The start-up of each controller’s output voltage VOUT is
controlled by the voltage on the TRACK/SS1 and TRACK/
SS2 pin. When the voltage on the TRACK/SS pin is less
than the 0.8V internal reference, the LTC3826 regulates
the VFB voltage to the TRACK/SS pin voltage instead of the
0.8V reference. This allows the TRACK/SS pin to be used
to program a soft start by connecting an external capacitor
from the TRACK/SS pin to SGND. An internal 1μA pull-up
current charges this capacitor creating a voltage ramp on
the TRACK/SS pin. As the TRACK/SS voltage rises linearly
from 0V to 0.8V (and beyond), the output voltage VOUT
rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
start-up of VOUT to “track” that of another supply. Typi-
cally, this requires connecting to the TRACK/SS pin an


Similar Part No. - LTC3826IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826IG-1 LINER-LTC3826IG-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IG-1-PBF LINER-LTC3826IG-1-PBF Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IG-1-TR LINER-LTC3826IG-1-TR Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IG-1-TRPBF LINER-LTC3826IG-1-TRPBF Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3826IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com