Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3827-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3827-1
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3827-1 Datasheet HTML 6Page - Linear Technology LTC3827-1 Datasheet HTML 7Page - Linear Technology LTC3827-1 Datasheet HTML 8Page - Linear Technology LTC3827-1 Datasheet HTML 9Page - Linear Technology LTC3827-1 Datasheet HTML 10Page - Linear Technology LTC3827-1 Datasheet HTML 11Page - Linear Technology LTC3827-1 Datasheet HTML 12Page - Linear Technology LTC3827-1 Datasheet HTML 13Page - Linear Technology LTC3827-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3827-1
10
38271fe
OPERATION
INTVCC/EXTVCC Power
Power for the top and bottom MOSFET drivers and most
other internal circuitry is derived from the INTVCC pin.
When the EXTVCC pin is left open or tied to a voltage less
than 4.7V, an internal 5.25V low dropout linear regulator
supplies INTVCC power from VIN. If EXTVCC is taken above
4.7V, the 5.25V regulator is turned off and a 7.5V low
dropout linear regulator is enabled that supplies INTVCC
power from EXTVCC. If EXTVCC is less than 7.5V (but
greater than 4.7V), the 7.5V regulator is in dropout and
INTVCC is approximately equal to EXTVCC. When EXTVCC
is greater than 7.5V (up to an absolute maximum rating
of 10V), INTVCC is regulated to 7.5V. Using the EXTVCC
pin allows the INTVCC power to be derived from a high
efficiency external source such as one of the LTC3827-1
switching regulator outputs.
Each top MOSFET driver is biased from the floating boot-
strap capacitor CB, which normally recharges during each
off cycle through an external diode when the top MOSFET
turns off. If the input voltage VIN decreases to a voltage
close to VOUT, the loop may enter dropout and attempt
to turn on the top MOSFET continuously. The dropout
detector detects this and forces the top MOSFET off for
about one twelfth of the clock period every tenth cycle to
allow CB to recharge.
Shutdown and Start-Up (RUN1, RUN2 and
TRACK/SS1, TRACK/SS2 Pins)
The two channels of the LTC3827-1 can be independently
shut down using the RUN1 and RUN2 pins. Pulling either
of these pins below 0.7V shuts down the main control
loop for that controller. Pulling both pins low disables
both controllers and most internal circuits, including the
INTVCC regulator, and the LTC3827-1 draws only 8μA of
quiescent current.
Releasing either RUN pin allows an internal 0.5μA current
to pull up the pin and enable that controller. Alternatively,
the RUN pin may be externally pulled up or driven directly
by logic. Be careful not to exceed the Absolute Maximum
rating of 7V on this pin.
The start-up of each controller’s output voltage VOUTiscon-
trolled by the voltage on the TRACK/SS1 and TRACK/SS2
pin. When the voltage on the TRACK/SS pin is less than
the 0.8V internal reference, the LTC3827-1 regulates the
VFB voltage to the TRACK/SS pin voltage instead of the
0.8V reference. This allows the TRACK/SS pin to be used
to program a soft-start by connecting an external capacitor
from the TRACK/SS pin to SGND. An internal 1μA pull-up
current charges this capacitor creating a voltage ramp on
the TRACK/SS pin. As the TRACK/SS voltage rises linearly
from 0V to 0.8V (and beyond), the output voltage VOUT
rises smoothly from zero to its final value.
Alternatively the TRACK/SS pin can be used to cause the
startup of VOUT to “track” that of another supply. Typically,
this requires connecting to the TRACK/SS pin an external
resistor divider from the other supply to ground (see Ap-
plications Information section).
When the corresponding RUN pin is pulled low to disable
a controller, or when VIN drops below its undervoltage
lockout threshold of 3.5V, the TRACK/SS pin is pulled low
by an internal MOSFET. When in undervoltage lockout,
both controllers are disabled and the external MOSFETs
are held off.
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping or Continuous Conduction)
(PLLIN/MODE Pin)
The LTC3827-1 can be enabled to enter high efficiency
Burst Mode operation, constant frequency pulse-skipping
mode, or forced continuous conduction mode at low load
currents. To select Burst Mode operation, tie the PLLIN/
MODE pin to a DC voltage below 0.7V (e.g., SGND). To
select forced continuous operation, tie the PLLIN/MODE
pin to INTVCC. To select pulse-skipping mode, tie the
PLLIN/MODE pin to a DC voltage greater than 0.9V and
less than INTVCC – 1.2V.
When a controller is enabled for Burst Mode operation,
the peak current in the inductor is set to approximately
one-tenth of the maximum sense voltage even though the
voltage on the ITH pin indicates a lower value. If the aver-
age inductor current is lower than the load current, the
error amplifier EA will decrease the voltage on the ITH pin.
(Refer to Functional Diagram)


Similar Part No. - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827-1 LINER-LTC3827-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827-1 LINER-LTC3827-1 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827-1 LINER-LTC3827-1 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827-1 LINEAR-LTC3827-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com