Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2000TSN Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ2000TSN
Description  Programmable Multi-Chemistry Fast-Charge Management IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2000TSN Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ2000TSN Datasheet HTML 7Page - Texas Instruments BQ2000TSN Datasheet HTML 8Page - Texas Instruments BQ2000TSN Datasheet HTML 9Page - Texas Instruments BQ2000TSN Datasheet HTML 10Page - Texas Instruments BQ2000TSN Datasheet HTML 11Page - Texas Instruments BQ2000TSN Datasheet HTML 12Page - Texas Instruments BQ2000TSN Datasheet HTML 13Page - Texas Instruments BQ2000TSN Datasheet HTML 14Page - Texas Instruments BQ2000TSN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Absolute Maximum Ratings
Symbol
Parameter
Minimum
Maximum
Unit
Notes
VCC
VCC relative to VSS
-0.3
+7.0
V
VT
DC voltage applied on any pin, ex-
cluding VCC relative to VSS
-0.3
+7.0
V
TOPR
Operating ambient temperature
-20
+70
°C
TSTG
Storage temperature
-40
+125
°C
TSOLDER
Soldering temperature
-
+260
°C
10s max.
Note:
Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation
should be limited to the Recommended DC Operating Conditions detailed in this data sheet. Exposure to
conditions beyond the operational limits for extended periods of time may affect device reliability.
DC Thresholds (TA =TOPR;VCC = 5V ±20% unless otherwise specified)
Symbol
Parameter
Rating
Tolerance
Unit
Notes
VTCO
Temperature cutoff
0.225 * VCC
±5%
V
Voltage at pin TS
VHTF
High-temperature fault
0.25 * VCC
±5%
V
Voltage at pin TS
VLTF
Low-temperature fault
0.5 * VCC
±5%
V
Voltage at pin TS
VMCV
Maximum cell voltage
2.00
±0.75%
V
VBAT > VMCV inhibits
fast charge
VLBAT
Minimum cell voltage
950
±5%
mV
Voltage at pin BAT
VTHERM
TS input change for
∆T/∆t detection
V
161
CC
±25%
V/Min
VSNSHI
High threshold at SNS, resulting in
MOD-low
50
±10
mV
Voltage at pin SNS
VSNSLO
Low threshold at SNS, resulting in
MOD-high
-50
±10
mV
Voltage at pin SNS
VSLP
Sleep-mode input threshold
VCC - 1
±0.5
V
Applied to pin BAT
VRCH
Recharge threshold
VMCV - 0.1
±0.02
V
At pin BAT
bq2000T


Similar Part No. - BQ2000TSN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2000TSN-B5 ETC1-BQ2000TSN-B5 Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000TSN-B5 TI1-BQ2000TSN-B5 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TSN-B5G4 TI1-BQ2000TSN-B5G4 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
logo
List of Unclassifed Man...
BQ2000TSN-B5TR ETC1-BQ2000TSN-B5TR Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000TSN-B5TR TI1-BQ2000TSN-B5TR Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000TSN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
logo
List of Unclassifed Man...
BQ2000T ETC1-BQ2000T Datasheet
677Kb / 18P
   Programmable Multi-Chemistry Fast-Charge Management IC
logo
Texas Instruments
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
[Old version datasheet]   Programmable Multi-Chemistry Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
   4A Multi-Type Battery Charge Management IC
logo
Texas Instruments
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
[Old version datasheet]   Programmable NiCd/NiMH Fast-Charge Management Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com