Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3824EMSE-TR Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3824EMSE-TR
Description  High Voltage Step-Down Controller With 40關A Quiescent Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3824EMSE-TR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3824EMSE-TR Datasheet HTML 4Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 5Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 6Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 7Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 8Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 9Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 10Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 11Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3824
11
3824fc
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATION
12V 2A Buck Converter
PACKAGE DESCRIPTION
3824 TA02
15k
8.06k
113k
1000pF
68k
COUT
270μF
1μF
16V
X7R
L1
33μH
VOUT
12V
2A
0.1μF
301k
CIN1
33μF
100V
CIN2
2.2μF
100V
1000pF
LTC3824
SENSE
SYNC/MODE
GATE
VFB
VC
VCC
RSET
GND
SS
VIN
12.5V TO 60V
D1
CIN1: SANYO 63MV68AX
CIN2: TDK C4532X7R2A225M
COUT: SANYO OSCON, 16SP270M, TDKC2012X7RIC105K
L1: D104C919AS-330M
D1: SS3H9
Q1: Si7465DP
Q1
+
+
RS
0.025Ω
100pF
CCAP
0.1μF
CAP
MSE Package
10-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1664 Rev B)
MSOP (MSE) 0307 REV B
0.53
0.152
(.021
.006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 – 0.27
(.007 – .011)
TYP
0.86
(.034)
REF
0.50
(.0197)
BSC
10
1
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.254
(.010)
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
0.127
(.035
.005)
RECOMMENDED SOLDER PAD LAYOUT
0.305
0.038
(.0120
.0015)
TYP
2.083
0.102
(.082
.004)
2.794
0.102
(.110
.004)
0.50
(.0197)
BSC
BOTTOM VIEW OF
EXPOSED PAD OPTION
1.83
0.102
(.072
.004)
2.06
0.102
(.081
.004)
12 3 45
4.90
0.152
(.193
.006)
0.497
0.076
(.0196
.003)
REF
8
9
10
7 6
3.00
0.102
(.118
.004)
(NOTE 3)
3.00
0.102
(.118
.004)
(NOTE 4)
0.1016
0.0508
(.004
.002)


Similar Part No. - LTC3824EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTC3824 LINER-LTC3824 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3824 LINER-LTC3824 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3824 LINER-LTC3824 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3824 LINER-LTC3824 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
More results

Similar Description - LTC3824EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT3971A LINER-LT3971A Datasheet
357Kb / 24P
   38V, 1.3A, 2MHz Step-Down Regulator with 2.2關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com