Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3824EMSE-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3824EMSE-TR
Description  High Voltage Step-Down Controller With 40關A Quiescent Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3824EMSE-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3824EMSE-TR Datasheet HTML 4Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 5Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 6Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 7Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 8Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 9Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 10Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 11Page - Linear Technology LTC3824EMSE-TR Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3824
10
3824fc
APPLICATIONS INFORMATION
2. Power MOSFET switching and condution losses:
P
MOSFET =
V
OUT + VD
V
IN + VD
(I
OUT )
2(1+δ)R
DS(ON)
+ K(V
IN )
2(I
OUT )(CRSS )(f)
3. The I2R losses of the current sense resistor:
P(SENSE R) = (IOUT)2 • R • D
where D is the duty cycle
4. The inductor loss due to winding resistance:
P(WINDING) = (IOUT)2 • RW
5. Loss of the catch diode:
P(DIODE) = IOUT • VD • (1–D)
6. Other losses, including CIN and COUT ESR dissipation
and inductor core losses, generally account for less
than 2% of total losses.
PCB Layout Considerations
To achieve best performance from a LTC3824 circuit, the PC
board layout must be carefully designed. For lower power
applications, a 2-layer PC board is sufficient. However, at
higher power levels, a multiple layer PC board is recom-
mended. Using a solid ground plane under the circuit is
the easiest way to ensure that switching noise does not
affect the operation.
In order to help dissipate the power from the MOSFET and
diode, keep the ground plane on the layers closest to the
layers where power components are mounted. Use power
planes for the MOSFET and diode in order to improve the
spreading of heat from these components into the PCB.
For best electrical performance the LTC3824 circuit should
be laid out as following:
Place all power components in a tight area. This will
minimize the size of high current loops. Orient the input
and output capacitors and current sense resistor in a way
that minimizes the distance between the pads connected
to ground plane.
Place the LTC3824 and associated components tightly to-
gether and next to the section with power components.
Use a local via to ground plane for all pads that connect to
ground. Use multiple vias for power components.
Connect the current sense input directly to the current
sense resistor pad. VCC and SENSE are the inputs of the
internal current sense amplifier and should be connected
as close to the sense resistor pads as possible. A 100pF
capacitor is required across the VCC and sense pins for
noise filtering and should be placed as close to the pins
as possible.
Design Example
As an example, the LTC3824 is designed for an automotive
5V power supply with the following specifications:
Maximum IOUT = 2A, typical VIN = 6V to 18V and can reach
60V briefly during load dump condition, and operating
switching frequency = 400kHz.
For f = 400kHz, RSET is chosen to be 180k.
Allow inductor ripple current to be 0.8A (40% of the
maximum output current) at VIN = 18V,
L
=
(18V – 5V)5V
(400kHz • 0.8A)18V
= 12μH
COUT will be selected based on the ESR that is required
to satisfy the output voltage ripple requirement and the
bulk capacitance needed for loop stability. For this design
a 220μF tantalum capacitor is used.
For worse-case conditions CIN should be rated for at least
1A ripple current (half of the maximum output current). A
47μF tantalum capacitor is adequate.
A current limit of 3.3A is selected and RSENSE can be
calculated by :
RSENSE =
100mV
3.3A
= 0.03
and a 25mΩ resistor can be used.


Similar Part No. - LTC3824EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824 Datasheet
245Kb / 16P
   72VIN, 6 Output DC/DC SEPIC 關Module Regulator
LTC3824 LINER-LTC3824 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3824 LINER-LTC3824 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3824 LINER-LTC3824 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3824 LINER-LTC3824 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
More results

Similar Description - LTC3824EMSE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3824 LINER-LTC3824_15 Datasheet
256Kb / 14P
   High Voltage Step-Down Controller With 40A Quiescent Current
LT3437 LINER-LT3437_1 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
   42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT3971A LINER-LT3971A Datasheet
357Kb / 24P
   38V, 1.3A, 2MHz Step-Down Regulator with 2.2關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
   42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
   42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC3621 LINER-LTC3621 Datasheet
240Kb / 16P
   17V, 1A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
   36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com