Electronic Components Datasheet Search |
|
LV5544DV-125.0M Datasheet(PDF) 1 Page - Pletronics, Inc. |
|
LV5544DV-125.0M Datasheet(HTML) 1 Page - Pletronics, Inc. |
1 / 8 page Product information is current as of publication date. The product conforms Copyright © 2007, Pletronics Inc. to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters. LV55D Series 3.3 V LVDS Clock Oscillators September 2007 • Pletronics’ LV55D Series is a quartz crystal controlled precision square wave generator with an LVDS output. • The package is designed for high density surface mount designs. • Low cost mass produced oscillator. • Tape and Reel or cut tape packaging is available. • 3.2 x 5 mm LCC Ceramic Package • Enable/Disable Function on pad 1 • Disable function includes low standby power mode • Low Jitter Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives. Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s Weight of the Device: 0.09 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4 Absolute Maximum Ratings: Parameter Unit V CC Supply Voltage -0.5V to +5.0V Vi Input Voltage -0.5V to V CC + 0.5V Vo Output Voltage -0.5V to V CC + 0.5V Thermal Characteristics The maximum die or junction temperature is 155 oC The thermal resistance junction to board is 45 to 65 oC/Watt depending on the solder pads, ground plane and construction of the PCB. |
Similar Part No. - LV5544DV-125.0M |
|
Similar Description - LV5544DV-125.0M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |