Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3812IFE-5-TR Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3812IFE-5-TR
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3812IFE-5-TR Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3812IFE-5-TR Datasheet HTML 4Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 5Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 6Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 7Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 8Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 9Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 10Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 11Page - Linear Technology LTC3812IFE-5-TR Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3812-5
8
38125fb
ION (Pin 1): On-Time Current Input. Tie a resistor from VIN
to this pin to set the one-shot timer current and thereby
set the switching frequency.
VRNG (Pin 2): Sense Voltage Limit Set. The voltage at this
pin sets the nominal sense voltage at maximum output
current and can be set from 0.5V to 2V by a resistive
divider from INTVCC. The nominal sense voltage defaults
to 95mV when this pin is tied to ground, and 215mV when
tied to INTVCC.
PGOOD (Pin 3): Power Good Output. Open-drain logic
output that is pulled to ground when the output voltage
is not between ±10% of the regulation point. The output
voltage must be out of regulation for at least 120μs before
the power good output is pulled to ground.
FCB (Pin 4): Pulse Skip Mode Enable Pin. This pin provides
pulse skip mode enable/disable control. Pulling this pin
below 0.8V disables pulse skip mode operation and forces
continuous operation. Pulling this pin above 0.8V enables
pulse skip mode operation. This pin can also be connected
to a feedback resistor divider from a secondary winding
on the inductor to regulate a second output voltage.
ITH (Pin 5): Error Amplifier Compensation Point and Cur-
rent Control Threshold. The current comparator threshold
increases with control voltage. The voltage ranges from
0V to 2.6V with 1.2V corresponding to zero sense voltage
(zero current).
VFB(Pin6):FeedbackInput.ConnectVFBthrougharesistor
divider network to VOUT to set the output voltage.
RUN/SS (Pin 7): RUN/Soft-Start Input. For soft-start, a
capacitor to ground at this pin sets the ramp rate of the
output voltage (approximately 0.6s/μF). Pulling this pin
below 1.5V will shut down the LTC3812-5, turn off both of
the external MOSFET switches and reduce the quiescent
supply current to 224μA.
SGND (Pin 8): Signal Ground. All small-signal components
should connect to this ground and eventually connect to
PGND at one point.
NDRV (Pin 9): Drive Output for External Pass Device of
the Linear Regulator for INTVCC. Connect to the gate of
an external NMOS pass device and a pull-up resistor to
the input voltage VIN.
PIN FUNCTIONS
RUN/SS Pull-Up Current
vs Temperature
Shutdown Threshold
vs Temperature
TEMPERATURE (°C)
–50
2
3
25
75
38125 G27
1
–25
0
50
100
125
0
RUN/SS = 0V
TEMPERATURE (°C)
–50
2.0
25
38125 G28
1.4
1.0
–25
0
50
0.8
0.6
2.2
1.8
1.6
1.2
75
100
125
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC3812IFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3812IFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com