Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3813IG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3813IG
Description  100V Current Mode Synchronous Step-Up Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813IG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3813IG Datasheet HTML 4Page - Linear Technology LTC3813IG Datasheet HTML 5Page - Linear Technology LTC3813IG Datasheet HTML 6Page - Linear Technology LTC3813IG Datasheet HTML 7Page - Linear Technology LTC3813IG Datasheet HTML 8Page - Linear Technology LTC3813IG Datasheet HTML 9Page - Linear Technology LTC3813IG Datasheet HTML 10Page - Linear Technology LTC3813IG Datasheet HTML 11Page - Linear Technology LTC3813IG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3813
8
3813fb
IOFF (Pin 1): Off-Time Current Input. Tie a resistor from
VOUT to this pin to set the one-shot timer current and
thereby set the switching frequency.
VOFF (Pin 4): Off-Time Voltage Input. Voltage trip point
for the on-time comparator. Tying this pin to an external
resistive divider from the input makes the off-time pro-
portional to VIN. The comparator defaults to 0.7V when
the pin is grounded and defaults to 2.4V when the pin is
connected to INTVCC.
VRNG (Pin 5): Sense Voltage Limit Set. The voltage at this
pin sets the nominal sense voltage at maximum output
current and can be set from 0.5V to 2V by a resistive
divider from INTVCC. The nominal sense voltage defaults
to 95mV when this pin is tied to ground, and 215mV when
tied to INTVCC.
PGOOD (Pin 6): Power Good Output. Open-drain logic
output that is pulled to ground when the output voltage
is not between ±10% of the regulation point. The output
voltage must be out of regulation for at least 125μs before
the power good output is pulled to ground.
SYNC (Pin 7): Sync Pin. This pin provides an external
clock input to the phase detector. The phase-locked loop
will force the rising top gate signal to be synchronized
with the rising edge of the clock signal.
ITH (Pin 8): Error Amplifier Compensation Point and Cur-
rent Control Threshold. The current comparator threshold
increases with control voltage. The voltage ranges from
0V to 2.6V with 1.2V corresponding to zero sense voltage
(zero current).
VFB(Pin9):FeedbackInput.ConnectVFBthrougharesistor
divider network to VOUT to set the output voltage.
PLL/LPF (Pin 10): The phase-locked loop’s lowpass filter
is tied to this pin. The voltage at this pin defaults to 1.2V
when the IC is not synchronized with an external clock at
the SYNC pin.
SS (Pin 11): Soft-Start Input. A capacitor to ground at
this pin sets the ramp rate of the maximum current sense
threshold.
SGND (Pin 12): Signal Ground. All small signal components
should connect to this ground and eventually connect to
PGND at one point.
SHDN (Pin 13): Shutdown Pin. Pulling this pin below 1.5V
will shut down the LTC3813, turn off both of the external
MOSFET switches and reduce the quiescent supply cur-
rent to 240μA.
UVIN (Pin 14): UVLO Input. This pin is input to the internal
UVLO and is compared to an internal 0.8V reference. An
external resistor divider is connected to this pin and the
input supply to program the undervoltage lockout voltage.
When UVIN is less than 0.8V, the LTC3813 is shut down.
NDRV (Pin 15): Drive Output for External Pass Device of
the Linear Regulator for INTVCC. Connect to the gate of an
external NMOS pass device and a pull-up resistor to the
input voltage VIN or the output voltage VOUT.
EXTVCC (Pin 16): External Driver Supply Voltage. When
this voltage exceeds 6.7V, an internal switch connects
this pin to INTVCC through an LDO and turns off the exter-
nal MOSFET connected to NDRV, so that controller and
gate drive are drawn from EXTVCC.
INTVCC (Pin 17): Main Supply Pin. All internal circuits
except the output drivers are powered from this pin.
INTVCC should be bypassed to ground (Pin 10) with at
least a 0.1μF capacitor in close proximity to the
LTC3813.
DRVCC (Pin 18): Driver Supply Pin. DRVCC supplies power
to the BG output driver. This pin is normally connected to
INTVCC. DRVCC should be bypassed to BGRTN (Pin 20)
with a low ESR (X5R or better) 1μF capacitor in close
proximity to the LTC3813.
PIN FUNCTIONS


Similar Part No. - LTC3813IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3813IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com