Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3812EFE-5-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3812EFE-5-TR
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3812EFE-5-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3812EFE-5-TR Datasheet HTML 6Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 7Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 8Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 9Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 10Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 11Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 12Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 13Page - Linear Technology LTC3812EFE-5-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC3812-5
10
38125fb
FUNCTIONAL DIAGRAM
+
+
1.4V
0.7V
RC
CC1
CC2
FB
VRNG
2
ITH
+
+
2.4V
IION
tON =
(76pF)
R
SQ
20k
ICMP
IREV
×
SHDN
SWITCH
LOGIC
BG
INTVCC
ON
FCNT
OV
1.5V
FAULT
EA
0.8V
5V
1.5V
+
38125 FD
SGND
RFB1
RFB2
8
6
RUN
SHDN
12
PGND
13
PGOOD
VFB
SW
14
TG
BOOST
CB
15
16
INTVCC
NDRV
11
9
+
+
UV
0.72V
OV
0.88V
CVCC
VOUT
M2
M1
M3
L1
COUT
CIN
+
DB
3
+
+
VIN
VIN
OVERTEMP
SENSE
FOLDBACK
5V
REG
INTVCC
ITH
4
ION
1
VIN
FCB
RON
0.8V
+
F
TIMEOUT
LOGIC
INTVCC
MODE LOGIC
NDRV
EXTVCC
INTVCC
+
INTVCC
UV
DRV OFF
100nA
1.4μA
270μA
+
+
OFF
ON
5.5V
4.7V
4.2V
9V
5.5V
7
RUN/SS
2.6V
EXTVCC
10
5
0.8V
REF


Similar Part No. - LTC3812EFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3812EFE-5-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com