Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3810EG-TR Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3810EG-TR
Description  100V Current Mode Synchronous Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810EG-TR Datasheet(HTML) 4 Page - Linear Technology

  LTC3810EG-TR Datasheet HTML 1Page - Linear Technology LTC3810EG-TR Datasheet HTML 2Page - Linear Technology LTC3810EG-TR Datasheet HTML 3Page - Linear Technology LTC3810EG-TR Datasheet HTML 4Page - Linear Technology LTC3810EG-TR Datasheet HTML 5Page - Linear Technology LTC3810EG-TR Datasheet HTML 6Page - Linear Technology LTC3810EG-TR Datasheet HTML 7Page - Linear Technology LTC3810EG-TR Datasheet HTML 8Page - Linear Technology LTC3810EG-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3810
4
3810fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3810E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3810I is guaranteed to meet
perfomance specifications over the full –40°C to 125°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3810: TJ = TA + (PD • 100°C/W)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VPGOOD
PGOOD Low Voltage
IPGOOD = 5mA
0.3
0.6
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
0
2
μA
PG Delay
PGOOD Delay
VFB Falling
120
μs
Tracking
ISS/TRACK
SS/TRACK Source Current
VSS/TRACK > 0.5V
0.7
1.4
2.5
μA
VFB,TRACK
Feedback Voltage at Tracking
VTRACK = 0V, ITH = 1.2V (Note 4)
VTRACK = 0.5V, ITH = 1.2V (Note 4)
0.48
–0.018
0.5
0.52
V
V
VCC Regulators
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Rising
EXTVCC Hysteresis
l
6.4
0.1
6.7
0.3
0.5
V
V
VINTVCC,1
INTVCC Voltage from EXTVCC
10.5V < VEXTVCC < 15V
9.4
10
10.6
V
ΔVEXTVCC,1
VEXTVCC – VINTVCC at Dropout
ICC = 20mA, VEXTVCC = 9.1V
170
250
mV
ΔVLOADREG,1
INTVCC Load Regulation from EXTVCC
ICC = 0mA to 20mA, VEXTVCC = 12V
0.01
%
VINTVCC,2
INTVCC Voltage from NDRV Regulator
Linear Regulator in Operation
9.4
10
10.6
V
ΔVLOADREG,2
INTVCC Load Regulation from NDRV
ICC = 0mA to 20mA, VEXTVCC = 0
0.01
%
INDRV
Current into NDRV Pin
VNDRV – VINTVCC = 3V
20
40
60
μA
INDRVTO
Linear Regulator Timeout Enable
Threshold
210
270
350
μA
VCCSR
Maximum Supply Voltage
Trickle Charger Shunt Regulator
15
V
ICCSR
Maximum Current into NDRV/INTVCC
Trickle Charger Shunt Regulator,
INTVCC ≤ 16.7V (Note 8)
10
mA
The
l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, INTVCC = DRVCC = VBOOST = VON = VRNG = SHDN = UVIN = VEXTVCC = VNDRV
= 10V, VMODE/SYNC = VSENSE+ = VSENSE= VBGRTN = VSW = 0V, unless otherwise specified.
Note 4: The LTC3810 is tested in a feedback loop that servos VFB to the
reference voltage with the ITH pin forced to a voltage between 1V and 2V.
Note 5: The dynamic input supply current is higher due to the power
MOSFET gate charging being delivered at the switching frequency
(QG • fOSC).
Note 6: Guaranteed by design. Not subject to test.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: ICC is the sum of current into NDRV and INTVCC.
ELECTRICAL CHARACTERISTICS
PARAMETER
LTC3810
LTC3810-5
LTC3812-5
Maximum VIN
100V
60V
60V
MOSFET Gate Drive
6.35V to 14V
4.5V to 14V
4.5V to 14V
INTVCC UV+
6.2V
4.2V
4.2V
INTVCC UV
6V
4V
4V


Similar Part No. - LTC3810EG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810EUH-5 LINER-LTC3810EUH-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-PBF LINER-LTC3810EUH-5-PBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-TR LINER-LTC3810EUH-5-TR Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-TRPBF LINER-LTC3810EUH-5-TRPBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3810EG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3813 LINER-LTC3813 Datasheet
449Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com