Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3810EG-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3810EG-TR
Description  100V Current Mode Synchronous Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810EG-TR Datasheet(HTML) 3 Page - Linear Technology

  LTC3810EG-TR Datasheet HTML 1Page - Linear Technology LTC3810EG-TR Datasheet HTML 2Page - Linear Technology LTC3810EG-TR Datasheet HTML 3Page - Linear Technology LTC3810EG-TR Datasheet HTML 4Page - Linear Technology LTC3810EG-TR Datasheet HTML 5Page - Linear Technology LTC3810EG-TR Datasheet HTML 6Page - Linear Technology LTC3810EG-TR Datasheet HTML 7Page - Linear Technology LTC3810EG-TR Datasheet HTML 8Page - Linear Technology LTC3810EG-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC3810
3
3810fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IBOOST
BOOST Supply Current
SHDN > 1.5V (Note 5)
SHDN = 0V
270
0
400
5
μA
μA
VFB
Feedback Voltage
(Note 4)
0°C to 85°C
–40°C to 85°C
–40°C to 125°C (I-Grade)
l
l
l
0.796
0.794
0.792
0.792
0.800
0.800
0.800
0.800
0.804
0.806
0.806
0.808
V
V
V
V
ΔVFB,LINE
Feedback Voltage Line Regulation
7V < INTVCC < 14V (Note 4)
l
0.002
0.02
%/V
VSENSE(MAX)
Maximum Current Sense Threshold
VRNG = 2V, VFB = 0.76V
VRNG = 0V, VFB = 0.76V
VRNG = INTVCC, VFB = 0.76V
256
70
170
320
95
215
384
120
260
mV
mV
mV
VSENSE(MIN)
Minimum Current Sense Threshold
VRNG = 2V, VFB = 0.84V
VRNG = 0V, VFB = 0.84V
VRNG = INTVCC, VFB = 0.84V
–300
–85
–200
mV
mV
mV
IVFB
Feedback Current
VFB = 0.8V
20
150
nA
AVOL(EA)
Error Amplifier DC Open Loop Gain
65
100
dB
fU
Error Amp Unity-Gain Crossover
Frequency
(Note 6)
25
MHz
VMODE/SYNC
MODE/SYNC Threshold
VMODE/SYNC Rising
0.75
0.8
0.85
V
IMODE/SYNC
MODE/SYNC Current
MODE/SYNC = 10V
0
1
μA
VSHDN
Shutdown Threshold
1.2
1.5
2
V
ISHDN
SHDN Pin Input Current
01
μA
VVINUV
VIN Undervoltage Lockout
VIN Rising
VIN Falling
Hysteresis
l
l
0.86
0.78
0.07
0.88
0.80
0.10
0.92
0.82
0.12
V
V
V
VVCCUV
INTVCC Undervoltage Lockout
Linear Regulator Mode
External Supply Mode
Trickle-Charge Mode
INTVCC Rising, INDRV = 100μA
INTVCC Rising, NDRV = INTVCC = EXTVCC
INTVCC Rising, NDRV = INTVCC, EXTVCC = 0
INTVCC Falling
l
l
l
6.05
6.05
11.7
6.2
6.2
12
5.7
6.35
6.35
12.3
V
V
V
V
Oscillator and Phase-Locked Loop
tON
On-Time
ION = 100μA
ION = 300μA
1.55
515
1.85
605
2.15
695
μs
ns
tON(MIN)
Minimum On-Time
ION = 2000μA
100
ns
tOFF(MIN)
Minimum Off-Time
250
350
ns
tON(PLL)
tON Modulation Range by PLL
Down Modulation
Up Modulation
ION = 100μA, VPLL/LPF = 0.6V
ION = 100μA, VPLL/LPF = 1.8V
2.2
0.6
3.6
1.2
5
1.8
μs
μs
IPLL/LPF
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fPLLIN < fSW
fPLLIN > fSW
15
–25
μA
μA
Driver
IBG,PEAK
BG Driver Peak Source Current
VBG = 0V
1.5
2
A
RBG,SINK
BG Driver Pull-Down RDS(ON)
11.5
Ω
ITG,PEAK
TG Driver Peak Source Current
VTG – VSW = 0V
1.5
2
A
RTG,SINK
TG Driver Pull-Down RDS(ON)
11.5
Ω
PGOOD Output
ΔVFBOV
PGOOD Upper Threshold
PGOOD Lower Threshold
VFB Rising
VFB Falling
7.5
–7.5
10
–10
12.5
–12.5
%
%
ΔVFB,HYST
PGOOD Hysteresis
VFB Returning
1.5
3
%
The
l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, INTVCC = DRVCC = VBOOST = VON = VRNG = SHDN = UVIN = VEXTVCC = VNDRV
= 10V, VMODE/SYNC = VSENSE+ = VSENSE= VBGRTN = VSW = 0V, unless otherwise specified.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3810EG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810EUH-5 LINER-LTC3810EUH-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-PBF LINER-LTC3810EUH-5-PBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-TR LINER-LTC3810EUH-5-TR Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810EUH-5-TRPBF LINER-LTC3810EUH-5-TRPBF Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3810EG-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3813 LINER-LTC3813 Datasheet
449Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com