Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL62386 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL62386
Description  High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62386 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL62386 Datasheet HTML 4Page - Intersil Corporation ISL62386 Datasheet HTML 5Page - Intersil Corporation ISL62386 Datasheet HTML 6Page - Intersil Corporation ISL62386 Datasheet HTML 7Page - Intersil Corporation ISL62386 Datasheet HTML 8Page - Intersil Corporation ISL62386 Datasheet HTML 9Page - Intersil Corporation ISL62386 Datasheet HTML 10Page - Intersil Corporation ISL62386 Datasheet HTML 11Page - Intersil Corporation ISL62386 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FN6831.0
February 4, 2009
Typical Performance
FIGURE 5. CHANNEL 1 EFFICIENCY AT VO1 =3.3V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) = 9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) = 4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 270kHz
FIGURE 6. CHANNEL 2 EFFICIENCY AT VO2 =5V, DEM
OPERATION. HIGH-SIDE 1xIRF7821,
rDS(ON) = 9.1mΩ; LOW-SIDE 1xIRF7832,
rDS(ON) = 4mΩ; L = 4.7µH, DCR = 14.3mΩ; CCM
FSW = 330kHz
FIGURE 7. POWER-ON, VIN = 12V, IO1 =5A, VO1 = 3.3V
FIGURE 8. POWER-OFF, VIN = 12V, IO1 =5A, VO1 =3.3V
FIGURE 9. ENABLE CONTROL, EN1 = HIGH, VIN = 12V,
VO1 = 3.3V, IO1 =5A
FIGURE 10. ENABLE CONTROL, EN1 = LOW, VIN = 12V,
VO1 = 3.3V, IO1 =5A
50
55
60
65
70
75
80
85
90
95
100
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
IOUT (A)
VIN = 7V
VIN = 12V
VIN = 19V
VO1
FB1
PGOOD
PHASE1
1) CH1: 2V 1ms
2) CH2: 500mV 1ms
3) CH3: 5V 1ms
4) CH4: 10V 1ms
VO1
FB1
PGOOD
PHASE1
1) CH1: 2V 200µs
2) CH2: 500mV 200µs
3) CH3: 5V 200µs
4) CH4: 10V 200µs
VO1
FB1
PGOOD
EN1
1) CH1: 2V 500µs
2) CH2: 500mV 500µs
3) CH3: 5V 500µs
4) CH4: 10V 500µs
VO1
FB1
PGOOD
EN1
1) CH1: 2V 1ms
2) CH2: 500mV 1ms
3) CH3: 5V 1ms
4) CH4: 5V 1ms
ISL62386


Similar Part No. - ISL62386

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ RENESAS-ISL62386HRTZ Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ-T RENESAS-ISL62386HRTZ-T Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62386

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com