Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3811EG-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3811EG-PBF
Description  High Speed Dual, Multiphase Step-Down DC/DC Controller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3811EG-PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3811EG-PBF Datasheet HTML 1Page - Linear Technology LTC3811EG-PBF Datasheet HTML 2Page - Linear Technology LTC3811EG-PBF Datasheet HTML 3Page - Linear Technology LTC3811EG-PBF Datasheet HTML 4Page - Linear Technology LTC3811EG-PBF Datasheet HTML 5Page - Linear Technology LTC3811EG-PBF Datasheet HTML 6Page - Linear Technology LTC3811EG-PBF Datasheet HTML 7Page - Linear Technology LTC3811EG-PBF Datasheet HTML 8Page - Linear Technology LTC3811EG-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
LTC3811
3
3811f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
VIN
Operating Input Voltage Range
4.5
30
V
IQ
Total Quiescent Supply Current
Continuous Mode (Note 4)
Shutdown Mode
VFB1,2 = 0.7V
VRUN1,2 = 0V
10.5
20
20
40
mA
μA
RUN Pin ON/OFF Control
IRUN
RUN Pin Input Leakage
VRUN1,2 = 3.3V
–1
1
μA
VIL(RUN)
Low Level RUN Input Threshold
0.3
V
VIH(RUN)
High Level RUN Input Threshold
1.8
V
Error Amplifier Characteristics (Both Channels)
VFB1, VFB2
Feedback Voltage Accuracy
(Note 5)
598
597
600
602
603
mV
mV
IFB1, IFB2
Feedback Pin Input Current
VCOMP = 1.25V (Note 5)
–100
100
nA
ΔVFB/ΔVIN
Line Regulation
4.5V ≤ VIN ≤ 30V (Note 5)
0.002
0.02
%/V
ΔVFB/ΔVCOMP
Load Regulation
ΔVCOMP = 1.25V to 1.5V (Note 5)
–0.1
–0.01
%
f0dB(EA)
Error Amplifier Unity Gain Crossover
Frequency
(Note 6)
8
MHz
VOH(EA)
Error Amplifier Maximum Output
Voltage (Internally Clamped)
VFB = 0.54V, No Load
2.6
V
VOL(EA)
Error Amplifier Minimum Output Voltage VFB = 0.66V, No Load
10
mV
VFB(OFF)
FB Voltage Threshold to Disable Error
Amplifier Output
VINTVCC – VFB
0.3
V
Soft-Start/Tracking
ISS1, ISS2
SS/TRACK1, SS/TRACK2 Charging
Currents
VSS/TRACK1 = VSS/TRACK2 = 0.3V
–2.5
μA
RSS1, RSS2
SS/TRACK1, SS/TRACK2 Pull-Down
Resistance in Shutdown
VRUN1 = VRUN2 = 0V
1
Differential Amplifier
AV
Differential Mode Gain,
ΔVDIFF/OUT/ΔVDIFF/IN
ΔVDIFF/IN = 1V to 3.5V, IDIFF/OUT = –100μA
0.995
1.000
1.005
V/V
VOS(DIFF)
Output Offset Voltage,
VDIFF/OUT – VDIFF/IN+
VDIFF/IN+ = 1.25V, VDIFF/IN– = 0V,
IDIFF/OUT = –100μA
–6
6
mV
RIN
Input Resistance
Measured at VDIFF/IN+
160
PSRRDIFF
Power Supply Rejection Ratio
7V ≤ VIN ≤ 30V
100
dB
VDM(DIFF)
Maximum Differential Mode Input
Voltage
VDIFF/IN+ – VDIFF/IN–, Measured at
VDIFF/OUT, IDIFF/OUT = –100μA
5.5
V
IMAX+
Maximum Sink Current
2
mA
IMAX
Maximum Source Current
–2
mA
f0dB(DIFF)
Unity Gain Bandwidth
(Note 6)
8
MHz
Current Comparators
VSENSE(MAX)
Maximum Current Sense Threshold
(VSENSE+ – VSENSE–)
VFB = 0.575V, VCM = 1.25V
VRNG = 0V
VRNG = INTVCC
VRNG = 2V
14
32.5
60
24
50
85
34
67.5
110
mV
mV
mV
VSENSE(MIN)
Minimum Current Sense Threshold
(VSENSE+ – VSENSE–)
VFB = 0.625V, VCM = 1.25V
VRNG = 0V
VRNG = INTVCC
VRNG = 2V
–21
–41
–67
mV
mV
mV
The denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, MODE/SYNC = 0V, unless otherwise specified.


Similar Part No. - LTC3811EG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results

Similar Description - LTC3811EG-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3860 LINER-LTC3860_15 Datasheet
446Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3860 LINER-LTC3860 Datasheet
451Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Current Sharing
LTC3861-1 LINER-LTC3861-1_15 Datasheet
1Mb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861 LINER-LTC3861_15 Datasheet
977Kb / 38P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3861-1 LINER-LTC3861-1 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
Maxim Integrated Produc...
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com