Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3809IDD-1 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3809IDD-1
Description  No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809IDD-1 Datasheet(HTML) 1 Page - Linear Technology

  LTC3809IDD-1 Datasheet HTML 1Page - Linear Technology LTC3809IDD-1 Datasheet HTML 2Page - Linear Technology LTC3809IDD-1 Datasheet HTML 3Page - Linear Technology LTC3809IDD-1 Datasheet HTML 4Page - Linear Technology LTC3809IDD-1 Datasheet HTML 5Page - Linear Technology LTC3809IDD-1 Datasheet HTML 6Page - Linear Technology LTC3809IDD-1 Datasheet HTML 7Page - Linear Technology LTC3809IDD-1 Datasheet HTML 8Page - Linear Technology LTC3809IDD-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC3809-1
1
38091fc
TYPICAL APPLICATION
DESCRIPTION
No RSENSETM, Low Input
Voltage, Synchronous DC/DC
Controller with Output Tracking
The LTC
®3809-1 is a synchronous step-down switching
regulator controller that drives external complementary
power MOSFETs using few external components. The
constantfrequencycurrentmodearchitecturewithMOSFET
VDSsensingeliminatestheneedforacurrentsenseresistor
and improves efficiency.
Optional Burst Mode operation provides high efficiency
operation at light loads. 100% duty cycle provides low
dropout operation, extending operating time in battery-
powered systems. Burst Mode is inhibited when the MODE
pin is pulled low to reduce noise and RF interference.
The LTC3809-1 allows either coincident or ratiometric
output voltage tracking. Switching frequency is fixed at
550kHz. Fault protection is provided by an overvoltage
comparator and a short-circuit current limit comparator.
The LTC3809-1 is available in tiny footprint thermally
enhanced DFN and 10-lead MSOP packages.
High Efficiency, 550kHz Step-Down Converter
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst
is a registered trademark of Linear Technology Corporation. No RSENSE is a trademark of
Linear Technology Corporation. All other trademarks are the property of their respective
owners. Protected by U.S. Patents including 5481178, 5929620, 6580258, 6304066,
5847554, 6611131, 6498466. Other Patents pending.
FEATURES
APPLICATIONS
n 1- or 2-Cell Lithium-Ion Powered Devices
n Notebook and Palmtop Computers, PDAs
n Portable Instruments
n Distributed DC Power Systems
n Programmable Output Voltage Tracking
n No Current Sense Resistor Required
n Constant Frequency Current Mode Operation for
Excellent Line and Load Transient Response
n Wide VIN Range: 2.75V to 9.8V
n Wide VOUT Range: 0.6V to VIN
n 0.6V
±1.5% Reference
n Low Dropout Operation: 100% Duty Cycle
n Selectable Burst Mode
®/Pulse-Skipping/Forced
Continuous Operation
n Auxiliary Winding Regulation
n Internal Soft-Start Circuitry
n Selectable Maximum Peak Current Sense Threshold
n Output Overvoltage Protection
n Micropower Shutdown: IQ = 9μA
n Tiny Thermally Enhanced Leadless (3mm
× 3mm)
DFN and 10-lead MSOP Packages
Efficiency and Power Loss vs Load Current
LTC3809-1
2.2μH
10μF
47μF
38091 TA01
15k
59k
187k
470pF
GND
IPRG
MODE
RUN
SW
TG
BG
VIN
VFB
VIN
2.75V TO 9.8V
VOUT
2.5V
2A
ITH
LOAD CURRENT (mA)
100
90
80
70
60
50
10k
1k
100
10
1
0.1
1
100
1k
10k
38091 TA02
10
VIN = 3.3V
VIN = 5V
VIN = 4.2V
FIGURE 8 CIRCUIT
VOUT = 2.5V
TYPICAL POWER
LOSS (VIN = 4.2V)
EFFICIENCY


Similar Part No. - LTC3809IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com