Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3809IMSE-1-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3809IMSE-1-PBF
Description  No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809IMSE-1-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3809IMSE-1-PBF Datasheet HTML 5Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 6Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 7Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 8Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 9Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 10Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 11Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 12Page - Linear Technology LTC3809IMSE-1-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3809-1
9
38091fc
Main Control Loop
The LTC3809-1 uses a constant frequency, current mode
architecture. During normal operation, the top external
P-channel power MOSFET is turned on when the clock sets
the RS latch, and is turned off when the current comparator
(ICMP) resets the latch. The peak inductor current at which
ICMP resets the RS latch is determined by the voltage on the
ITH pin, which is driven by the output of the error amplifier
(EAMP). The VFB pin receives the output voltage feedback
signal from an external resistor divider. This feedback
signal is compared to the internal 0.6V reference voltage
by the EAMP. When the load current increases, it causes a
slight decrease in VFB relative to the 0.6V reference, which
in turn causes the ITH voltage to increase until the average
inductorcurrentmatchesthenewloadcurrent.Whilethetop
P-channel MOSFET is off, the bottom N-channel MOSFET is
turned on until either the inductor current starts to reverse,
as indicated by the current reversal comparator IRCMP, or
the beginning of the next cycle.
Shutdown, Soft-Start and Tracking Start-Up
(RUN and TRACK/SS Pins)
The LTC3809-1 is shut down by pulling the RUN pin low.
In shutdown, all controller functions are disabled and the
chip draws only 9μA. The TG output is held high (off) and
the BG output low (off) in shutdown. Releasing the RUN
pin allows an internal 0.7μA current source to pull up the
RUN pin to VIN. The controller is enabled when the RUN
pin reaches 1.1V.
The start-up of VOUT is based on the three different con-
nections on the TRACK/SS pin. The start-up of VOUT is
controlled by the LTC3809-1’s internal soft-start when
TRACK/SS is connected to VIN. During soft-start, the error
amplifier EAMP compares the feedback signal VFB to the
internal soft-start ramp (instead of the 0.6V reference),
which rises linearly from 0V to 0.6V in about 1ms. This al-
lows the output voltage to rise smoothly from 0V to its final
value while maintaining control of the inductor current.
The 1ms soft-start time can be changed by connecting
the optional external soft-start capacitor CSS between the
TRACK/SS and GND pins. When the controller is enabled
by releasing the RUN pin, the TRACK/SS pin is charged up
by an internal 1μA current source and rises linearly from
0V to above 0.6V. The error amplifier EAMP compares the
feedback signal VFB to this ramp instead, and regulates
VFB linearly from 0V to 0.6V.
When the voltage on the TRACK/SS pin is less than the
0.6V internal reference, the LTC3809-1 regulates the VFB
voltage to the TRACK/SS pin instead of the 0.6V reference.
Therefore VOUT of the LTC3809-1 can track an external
voltage VX during start-up. Typically, a resistor divider on
VX is connected to the TRACK/SS pin to allow the start-up
of VOUT to “track” that of VX. For coincident tracking during
start-up, the regulated final value of VX should be larger
than that of VOUT, and the resistor divider on VX has the
same ratio as the divider on VOUT that is connected to VFB.
See detailed discussions in the Run and Soft-Start/Tracking
Functions in the Applications Information Section.
Light Load Operation (Burst Mode Operation,
Continuous Conduction or Pulse-Skipping Mode)
(MODE Pin)
TheLTC3809-1canbeprogrammedforeitherhighefficiency
Burst Mode operation, forced continuous conduction mode
or pulse-skipping mode at low load currents. To select
Burst Mode operation, tie the MODE pin to VIN. To select
forced continuous operation, tie the MODE pin to a DC
voltage below 0.4V (e.g., GND). Tying the MODE pin to a
DC voltage above 0.4V and below 1.2V (e.g., VFB) enables
pulse-skipping mode. The 0.4V threshold between forced
continuous operation and pulse-skipping mode can be
used in secondary winding regulation as described in the
Auxiliary Winding Control Using the MODE Pin discussion
in the Applications Information section.
When the LTC3809-1 is in Burst Mode operation, the peak
current in the inductor is set to approximately one-fourth
of the maximum sense voltage even though the voltage on
the ITH pin indicates a lower value. If the average induc-
tor current is higher than the load current, the EAMP will
decrease the voltage on the ITH pin. When the ITH voltage
drops below 0.85V, the internal SLEEP signal goes high
and the external MOSFET is turned off.
OPERATION (Refer to Functional Diagram)


Similar Part No. - LTC3809IMSE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809IMSE-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com