Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3810 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3810
Description  100V Current Mode Synchronous Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3810 Datasheet HTML 7Page - Linear Technology LTC3810 Datasheet HTML 8Page - Linear Technology LTC3810 Datasheet HTML 9Page - Linear Technology LTC3810 Datasheet HTML 10Page - Linear Technology LTC3810 Datasheet HTML 11Page - Linear Technology LTC3810 Datasheet HTML 12Page - Linear Technology LTC3810 Datasheet HTML 13Page - Linear Technology LTC3810 Datasheet HTML 14Page - Linear Technology LTC3810 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3810
11
3810fb
FUNCTIONAL DIAGRAM
+
+
1.4V
0.7V
FB
VRNG
5
+
+
VVON
IION
tON =
(76pF)
R
SQ
20k
ICMP
IREV
×
SHDN
SWITCH
LOGIC
BG
ON
FCNT
OV
1.5V
EA
0.8V
FAULT
13
3810 FD
SGND
12
RUN
SHDN
19
BGRTN
20
PGOOD
VFB
DRVCC
18
SENSE+
25
SW
26
TG
BOOST
CB
27
28
EXTVCC
16
INTVCC
NDRV
17
15
+
+
UV
0.72V
OV
0.88V
CVCC
VOUT
M2
M1
M3
L1
COUT
CIN
+
DB
6
+
+
VIN
VIN
SENSE
21
OVERTEMP
SENSE
FOLDBACK
0.8V
REF
5V
REG
INTVCC
ITH
7
10
ION
1
VIN
VIN
RUV1
RFB1
RFB2
RUV2
4
VON
PLL/LPF
MODE/SYNC
UVIN
RON
0.8V
+
F
TIMEOUT
LOGIC
INTVCC
MODE
LOGIC
NDRV
EXTVCC
INTVCC
PLL-SYNC
+
VIN UV
14
+
INTVCC
UV
DRV OFF
100nA
1.4μA
270μA
+
+
OFF
ON
10V
6.7V
200μA
6.2V
12V
10V
SHDN
2.6V
4V
ITH
CC2
8
RC
CC1
SS/TRACK
11
9


Similar Part No. - LTC3810

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810 LINER-LTC3810 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3810 LINER-LTC3810 Datasheet
1Mb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
LTC3810 LINER-LTC3810 Datasheet
2Mb / 38P
   150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3810 LINER-LTC3810 Datasheet
1Mb / 32P
   Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC3810 LINER-LTC3810 Datasheet
1Mb / 36P
   Hybrid Step-Down Synchronous Controller
More results

Similar Description - LTC3810

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3813 LINER-LTC3813 Datasheet
449Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
logo
Linear Integrated Syste...
LTC3703HGN LINEAR-LTC3703HGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
LTC3703IGN LINEAR-LTC3703IGN Datasheet
393Kb / 34P
   100V Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com