Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805IDD-5-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3805IDD-5-TRPBF
Description  Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805IDD-5-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3805IDD-5-TRPBF Datasheet HTML 4Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 5Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 6Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 7Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 8Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 9Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 10Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 11Page - Linear Technology LTC3805IDD-5-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3805-5
8
38055fa
OPERATION
The LTC3805-5 is a programmable-frequency current mode
controller for flyback, boost and SEPIC DC/DC convert-
ers. The LTC3805-5 is designed so that none of its pins
need to come in contact with the input or output voltages
of the power supply circuit of which it is a part, allowing
the conversion of voltages well beyond the LTC3805-5’s
absolute maximum ratings.
Main Control Loop
Please refer to the Block Diagram of this data sheet and
the Typical Application shown on the front page. An ex-
ternal resistive voltage divider presents a fraction of the
output voltage to the FB pin. The divider is designed so
that when the output is at the desired voltage, the FB pin
voltage equals the 800mV internal reference voltage. If
the load current increases, the output voltage decreases
slightly, causing the FB pin voltage to fall below the 800mV
reference. The error amplifier responds by feeding current
into the ITH pin causing its voltage to rise. Conversely, if
the load current decreases, the FB voltage rises above the
800mV reference and the error amplifier sinks current away
from the ITH pin causing its voltage to fall.
The voltage at the ITH pin controls the pulse-width modula-
tor formed by the oscillator, current comparator and SR
latch. Specifically, the voltage at the ITH pin sets the current
comparator’s trip threshold. The current comparator’s
ISENSE input monitors the voltage across an external cur-
rent sense resistor in series with the source of the external
MOSFET. At the start of a cycle, the LTC3805-5’s oscillator
sets the SR latch and turns on the external power MOSFET.
The current through the external power MOSFET rises as
does the voltage on the ISENSE pin. The LTC3805-5’s cur-
rent comparator trips when the voltage on the ISENSE pin
exceeds a voltage proportional to the voltage on the ITH pin.
This resets the SR latch and turns off the external power
MOSFET. In this way, the peak current levels through the
external MOSFET and the flyback transformer’s primary
and secondary windings are controlled by the voltage on
the ITH pin. If the current comparator does not trip, the
LTC3805-5 automatically limits the duty cycle to 80%,
resets the SR latch, and turns off the external MOSFET.
The path from the FB pin, through the error amplifier,
current comparator and the SR latch implements the
closed-loop current-mode control required to regulate the
output voltage against changes in input voltage or output
current. For example, if the load current increases, the
output voltage decreases slightly, and sensing this, the
error amplifier sources current from the ITH pin, raising
the current comparator threshold, thus increasing the peak
currents through the transformer primary and secondary.
This delivers more current to the load and restores the
output voltage to the desired level.
The ITHpinservesasthecompensationpointforthecontrol
loop. Typically, an external series RC network is connected
from ITH to ground and is chosen for optimal response to
load and line transients. The impedance of this RC network
converts the output current of the error amplifier to the
ITH voltage which sets the current comparator threshold
and commands considerable influence over the dynamics
of the voltage regulation loop.


Similar Part No. - LTC3805IDD-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3805 LINER-LTC3805 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3805 LINER-LTC3805 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3805 LINER-LTC3805 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LTC3805IDD-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805 LINER-LTC3805 Datasheet
207Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
logo
Infineon Technologies A...
TLD5098EL INFINEON-TLD5098EL Datasheet
1Mb / 39P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.0, 2010-10-13
TLD5095EL INFINEON-TLD5095EL Datasheet
1Mb / 31P
   DC/DC Boost, Buck-Boost, SEPIC controller
Rev. 1.1, 2009-12-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com