Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3805EDD-TR Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3805EDD-TR
Description  Adjustable Frequency Current Mode Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805EDD-TR Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3805EDD-TR Datasheet HTML 5Page - Linear Technology LTC3805EDD-TR Datasheet HTML 6Page - Linear Technology LTC3805EDD-TR Datasheet HTML 7Page - Linear Technology LTC3805EDD-TR Datasheet HTML 8Page - Linear Technology LTC3805EDD-TR Datasheet HTML 9Page - Linear Technology LTC3805EDD-TR Datasheet HTML 10Page - Linear Technology LTC3805EDD-TR Datasheet HTML 11Page - Linear Technology LTC3805EDD-TR Datasheet HTML 12Page - Linear Technology LTC3805EDD-TR Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3805
9
3805fb
Figure 1. Start-Up/Shutdown State Diagram
LTC3805
SHUTDOWN
LTC3805
FAULT
TIMEOUT
3805 F01
VRUN > VRUNON
AND VCC > VTURNON
VRUN < VRUNOFF
VCC < VTURNOFF
VSSFLT < 0.7V
VOC > 100mV
LTC3805
ENABLED
OPERATION
Start-Up/Shutdown
The LTC3805 has two shutdown mechanisms to disable
and enable operation: an undervoltage lockout on the VCC
supply pin voltage, and a precision-threshold RUN pin. The
voltage on both pins must exceed the appropriate thresh-
old before operation is enabled. The LTC3805 transitions
into and out of shutdown according to the state diagram
shown in Figure 1. Operation in fault timeout is discussed
in a subsequent section. During shutdown the LTC3805
draws only a small 40μA current.
The undervoltage lockout (UVLO) mechanism prevents
the LTC3805 from trying to drive the external MOSFET
gate with insufficient voltage on the VCC pin. The voltage
at the VCC pin must initially exceed VTURNON = 8.4V to
enable LTC3805 operation. After operation is enabled, the
voltage on the VCC pin may fall as low as VTURNOFF = 4V
before undervoltage lockout disables the LTC3805. This
wide UVLO hysteresis range supports the use of trickle
charger powering schemes. See the Applications Informa-
tion section for more detail.
The RUN pin is connected to the input voltage using a
voltage divider. Converter operation is enabled when the
voltage on the RUN pin exceeds VRUNON = 1.207V and
disabled when the voltage falls below VRUNOFF = 1.170V.
Additional hysteresis is added by a 5μA current source
acting on the voltage divider’s Thevenin resistance. Setting
the input voltage range and hysteresis is further discussed
in the Applications Information section.
Setting the Oscillator Frequency
Connect a frequency set resistor RFS from the FS pin to
ground to set the oscillator frequency over a range from
70kHz to 700kHz. The oscillator frequency is calculated
from:
fOSC =
24 • 109
RFS − 1500
The oscillator may be synchronized to an external clock
using the SYNC input. The rising edge of the external clock
on the SYNC pin triggers the beginning of a switching pe-
riod, i.e., the GATE pin going high. The pulse width of the
external clock is quite flexible. The clock must stay high
only for about 200ns to trigger the start of a new switching
period. Conversely, the pulse width can be increased to a
duty cycle not greater than 55%.
Overcurrent Protection
With the OC pin connected to the external MOSFET’s current
sense resistor, the converter is protected in the event of
an overload or short-circuit on the output. During normal
operation the peak value of current in the external MOSFET,
as measured by the current sense resistor (plus any adjust-
ment for slope compensation), is set by the voltage on the
ITH pin operating through the current comparator. As the
output current increases, so does the voltage on the ITH
pin and so does the peak MOSFET current.


Similar Part No. - LTC3805EDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805EDD-5-TRMPBF LINER-LTC3805EDD-5-TRMPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805EDD-5-TRPBF LINER-LTC3805EDD-5-TRPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
More results

Similar Description - LTC3805EDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com