Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3809EDD-1-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3809EDD-1-PBF
Description  No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809EDD-1-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3809EDD-1-PBF Datasheet HTML 3Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 4Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 5Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 6Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 7Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 8Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 9Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 10Page - Linear Technology LTC3809EDD-1-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC3809-1
7
38091fc
PIN FUNCTIONS
MODE (Pin 1): This pin performs two functions: 1) auxiliary
winding feedback input, and 2) Burst Mode operation,
pulse skipping or forced continuous mode select.
To select Burst Mode operation at light loads, tie this
pin to VIN. Grounding this pin selects forced continuous
operation which allows the inductor current to reverse.
Tying this pin to VFB selects pulse-skipping mode. Do not
leave this pin floating.
TRACK/SS (Pin 2): Tracking Input for the Controller or
Optional External Soft-Start Input. This pin allows the
start-up of VOUT to “track” the external voltage at this pin
using an external resistor divider. Tying this pin to VIN
allows VOUT to start up with the internal 0.74ms soft-start.
An external soft-start can be programmed by connecting
a capacitor between this pin and ground. Do not leave
this pin floating.
VFB (Pin 3): Feedback Pin. This pin receives the remotely
sensed feedback voltage for the controller from an external
resistor divider across the output.
ITH (Pin 4): Current Threshold and Error Amplifier
Compensation Point. Nominal operating range on this pin
is from 0.7V to 2V. The voltage on this pin determines the
threshold of the main current comparator.
RUN (Pin 5): Run Control Input. Forcing this pin below
1.1V shuts down the chip. Driving this pin to VIN or
releasing this pin enables the chip to start-up with the
internal soft-start.
IPRG (Pin 6): Three-State Pin to Select Maximum Peak
Sense Voltage Threshold. This pin selects the maximum
allowed voltage drop between the VIN and SW pins
(i.e., the maximum allowed drop across the external
P-channel MOSFET). Tie to VIN, GND or float to select
204mV, 85mV or 125mV respectively.
BG (Pin 7): Bottom (NMOS) Gate Drive Output. This pin
drives the gate of the external N-channel MOSFET. This
pin has an output swing from PGND to VIN.
TG (Pin 8): Top (PMOS) Gate Drive Output. This pin drives
the gate of the external P-channel MOSFET. This pin has
an output swing from PGND to VIN.
VIN (Pin 9): Chip Signal Power Supply. This pin powers
the entire chip, the gate drivers and serves as the positive
input to the differential current comparator.
SW (Pin 10): Switch Node Connection to Inductor. This
pin is also the negative input to the differential current
comparator and an input to the reverse current comparator.
Normally this pin is connected to the drain of the external
P-channel MOSFET, the drain of the external N-channel
MOSFET and the inductor.
GND (Exposed Pad, Pin 11): Ground connection for
internal circuits, the gate drivers and the negative input to
the reverse current comparator. The Exposed Pad must
be soldered to the PCB ground.


Similar Part No. - LTC3809EDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809EDD-PBF LINER-LTC3809EDD-PBF Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809EDD-TR LINER-LTC3809EDD-TR Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809EDD-TRPBF LINER-LTC3809EDD-TRPBF Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
More results

Similar Description - LTC3809EDD-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com