Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3808 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3808
Description  No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3808 Datasheet(HTML) 3 Page - Linear Technology

  LTC3808 Datasheet HTML 1Page - Linear Technology LTC3808 Datasheet HTML 2Page - Linear Technology LTC3808 Datasheet HTML 3Page - Linear Technology LTC3808 Datasheet HTML 4Page - Linear Technology LTC3808 Datasheet HTML 5Page - Linear Technology LTC3808 Datasheet HTML 6Page - Linear Technology LTC3808 Datasheet HTML 7Page - Linear Technology LTC3808 Datasheet HTML 8Page - Linear Technology LTC3808 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC3808
3808f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 4.2V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3808E is guaranteed to meet specified performance from
0°C to 70°C. Specifications over the –40°C to 85°C operating range are
assured by design characterization, and correlation with statistical process
controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • θJA °C/W)
Note 4: Dynamic supply current is higher due to gate charge being
delivered at the switching frequency.
Note 5: The LTC3808 is tested in a feedback loop that servos ITH to a
specified voltage and measures the resultant VFB voltage.
Note 6: Peak current sense voltage is reduced dependent on duty cycle to
a percentage of value as shown in Figure 1.
Overvoltage Protect Hysteresis
20
mV
Auxiliary Feedback Threshold
0.325
0.4
0.475
V
Top Gate (TG) Drive Rise Time
CL = 3000pF
40
ns
Top Gate (TG) Drive Fall Time
CL = 3000pF
40
ns
Bottom Gate (BG) Drive Rise Time
CL = 3000pF
50
ns
Bottom Gate (BG) Drive Fall Time
CL = 3000pF
40
ns
Maximum Current Sense Voltage (∆VSENSE(MAX))
IPRG = Floating (Note 6)
110
125
140
mV
(SENSE+ – SW)
IPRG = 0V (Note 6)
70
85
100
mV
IPRG = VIN (Note 6)
185
204
223
mV
Soft-Start Time (Internal)
Time for VFB to Ramp from 0.05V to 0.55V
0.5
0.74
0.9
ms
Oscillator and Phase-Locked Loop
Oscillator Frequency
Unsynchronized (SYNC/MODE Not Clocked)
PLLLPF = Floating
480
550
600
kHz
PLLLPF = 0V
260
300
340
kHz
PLLLPF = VIN
650
750
825
kHz
Phase-Locked Loop Lock Range
SYNC/MODE Clocked
Minimum Synchronizable Frequency
200
250
kHz
Maximum Synchronizible Frequency
750
1000
kHz
Phase Detector Output Current
Sinking
fOSC > fSYNC/MODE
–3
µA
Sourcing
fOSC < fSYNC/MODE
3
µA
Spread Spectrum Frequency Range
Minimum Switching Frequency
460
kHz
Maximum Switching Frequency
635
kHz
SYNC/MODE Pull-Down Current
SYNC/MODE = 2.2V
2.6
µA
PGOOD Output
PGOOD Voltage Low
IPGOOD Sinking 1mA
50
mV
PGOOD Trip Level
VFB with Respect to Set Output Voltage
VFB < 0.6V, Ramping Positive
–13
–10.0
–7
%
VFB < 0.6V, Ramping Negative
–16
–13.3
–10
%
VFB > 0.6V, Ramping Negative
7
10.0
13
%
VFB > 0.6V, Ramping Positive
10
13.3
16
%


Similar Part No. - LTC3808

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808 LINER-LTC3808 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3808

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3823 LINER-LTC3823 Datasheet
308Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
LTC3823 LINER-LTC3823_15 Datasheet
312Kb / 26P
   Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com