Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3803-3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3803-3
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803-3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3803-3 Datasheet HTML 6Page - Linear Technology LTC3803-3 Datasheet HTML 7Page - Linear Technology LTC3803-3 Datasheet HTML 8Page - Linear Technology LTC3803-3 Datasheet HTML 9Page - Linear Technology LTC3803-3 Datasheet HTML 10Page - Linear Technology LTC3803-3 Datasheet HTML 11Page - Linear Technology LTC3803-3 Datasheet HTML 12Page - Linear Technology LTC3803-3 Datasheet HTML 13Page - Linear Technology LTC3803-3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3803-3
38033fa
APPLICATIO S I FOR ATIO
Many LTC3803-3 application circuits can be derived from
the topology shown in Figure 2.
The LTC3803-3 itself imposes no limits on allowed power
output, input voltage VIN or desired regulated output volt-
age VOUT; these are all determined by the ratings on the
external power components. The key factors are: Q1’s
maximum drain-source voltage (BVDSS), on-resistance
(RDS(ON)) and maximum drain current, T1’s saturation flux
level and winding insulation breakdown voltages, CIN and
COUT’s maximum working voltage, ESR, and maximum
ripple current ratings, and D1 and RSENSE’s power ratings.
VCC
ITH/RUN
LTC3803-3
GND
NGATE
SENSE
VFB
5
R3
6
4
1
2
3
D1
D2
COUT
CIN
LSEC
LPRI
LBIAS
CVCC
CC
VOUT
38033 F02
RSENSE
RSL
R1
RSTART
R2
Q1
T1
VIN
Figure 2. Typical LTC3803-3 Application Circuit
TRANSFORMER DESIGN CONSIDERATIONS
Transformer specification and design is perhaps the most
critical part of applying the LTC3803-3 successfully. In
addition to the usual list of caveats dealing with high fre-
quency power transformer design, the following should
prove useful.
Turns Ratios
Due to the use of the external feedback resistor divider
ratio to set output voltage, the user has relative freedom in
selecting transformer turns ratio to suit a given applica-
tion. Simple ratios of small integers, e.g., 1:1, 2:1, 3:2, etc.
can be employed which yield more freedom in setting total
turns and mutual inductance. Simple integer turns ratios
also facilitate the use of “off-the-shelf” configurable trans-
formers such as the Coiltronics VERSA-PAC
TM series in
applications with high input to output voltage ratios. For
example, if a 6-winding VERSA-PAC is used with three
windings in series on the primary and three windings in
parallel on the secondary, a 3:1 turns ratio will be achieved.
Turns ratio can be chosen on the basis of desired duty
cycle. However, remember that the input supply voltage
plus the secondary-to-primary referred version of the
flyback pulse (including leakage spike) must not exceed
the allowed external MOSFET breakdown rating.
Leakage Inductance
Transformer leakage inductance (on either the primary or
secondary) causes a voltage spike to occur after the
output switch (Q1) turn-off. This is increasingly promi-
nent at higher load currents, where more stored energy
must be dissipated. In some cases a “snubber” circuit will
be required to avoid overvoltage breakdown at the
MOSFET’s drain node. Application Note 19 is a good
reference on snubber design.
A bifilar or similar winding technique is a good way to
minimize troublesome leakage inductances. However,
remember that this will limit the primary-to-secondary
breakdown voltage, so bifilar winding is not always
practical.
SELECTING FEEDBACK RESISTOR DIVIDER VALUES
The regulated output voltage is determined by the resistor
divider across VOUT (R1 and R2 in Figure 2). The ratio of R2
to R1 needed to produce a desired VOUT can be calculated:
R
VV
V
R
OUT
2
08
08
1
=
–.
.
Choose resistance values for R1 and R2 to be as large as
possible in order to minimize any efficiency loss due to the
static current drawn from VOUT, but just small enough so
that when VOUT is in regulation, the error caused by the
nonzero input current to the VFB pin is less than 1%. A
good rule of thumb is to choose R1 to be 80k or less.


Similar Part No. - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803-3 LINER-LTC3803-3 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803-3 LINER-LTC3803-3 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3803-3 LINER-LTC3803-3 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803-3 LINER-LTC3803-3 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LTC3803-3 LINER-LTC3803-3 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results

Similar Description - LTC3803-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com