Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3785EUF-1-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3785EUF-1-TRPBF
Description  10V, High Effi ciency, Buck-Boost Controller with Power Good
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3785EUF-1-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3785EUF-1-TRPBF Datasheet HTML 2Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 3Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3785EUF-1-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3785-1
6
37851f
PIN FUNCTIONS
MODE (Pin 8): Burst Mode Control Pin.
• MODE = High: Enable Burst Mode Operation. In Burst
Mode operation the operation is variable frequency,
which provides a significant efficiency improvement
at light loads. The Burst Mode operation will continue
until the pin is driven low.
• MODE=Low:DisableBurstModeoperationandmaintain
low noise, constant frequency operation.
PGOOD (Pin 9): Open drain output. PGOOD is pulled to
ground when the voltage on VSENSE is not within ±7.5%
of its setpoint. PGOOD will also be pulled low when the
part is in shutdown or input UVLO.
ISVOUT (Pin 10): Reverse Current Limit Comparator Non-
inverting Input. This pin is normally connected to the drain
of the N-channel MOSFET D (TG2 driven).
VBST2 (Pin 11): Boosted Floating Driver Supply for Boost
Switch D. This pin will swing from a diode below VCC up
to VOUT + VCC – VDIODE.
SW2 (Pin 13): Ground Reference for Driver D. Gate drive
from TG2 will reference to the common point of output
switches C and D.
ISSW2 (Pin 14): Reverse Current Limit Comparator Invert-
ing Input. This pin is normally connected to the source of
the N-channel MOSFET D (TG2 driven).
VDRV (Pin 16): Driver Supply for Ground Referenced
Switches. Connect this pin to VCC potential.
BG1, BG2 (Pins 17, 15): Bottom gate driver pins drive
the ground referenced N-channel MOSFET switches B
and C.
ISSW1 (Pin 18): Forward Current Limit Comparator Non-
inverting Input. This pin is normally connected to the
source of the N-channel MOSFET A (TG1 driven).
SW1 (Pin 19): Ground Reference for Driver A. Gate drive
from TG1 will reference to the common point of output
switches A and B.
TG1, TG2 (Pins 20, 12): Top gate drive pins drive the
top N-channel MOSFET switches A and D with a voltage
swing equal to VCC – VDIODE superimposed on the SW1
and SW2 nodes respectively.
VBST1 (Pin 21): Boosted Floating Driver Supply for the
Buck Switch A. This pin will swing from a diode below
VCC up to VIN + VCC – VDIODE.
ISVIN (Pin 22): Forward Current Limit Comparator Invert-
ing Input. This pin is normally connected to the drain of
N-channel MOSFET A (TG1 driven).
VCC (Pin 23): Internal 4.5V LDO Regulator Output. The
driver and control circuits are powered from this voltage
to limit the maximum VGS drive voltage. Decouple this pin
to power ground with at least a 4.7μF ceramic capacitor.
For low VIN applications, VCC can be bootstrapped from
VOUT through a Schottky diode.
VIN (Pin 24): Input Supply Pin for the VCC Regulator. A
ceramic capacitor of at least 10μF is recommended close
to the VIN and GND pins.
Exposed Pad (Pin 25): The GND and PGND pins are con-
nected to the Exposed Pad which must be connected to
the PCB ground for electrical contact and rated thermal
performance.


Similar Part No. - LTC3785EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785EUF-PBF LINER-LTC3785EUF-PBF Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3785EUF-TR LINER-LTC3785EUF-TR Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3785EUF-TRPBF LINER-LTC3785EUF-TRPBF Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
More results

Similar Description - LTC3785EUF-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785 LINER-LTC3785 Datasheet
259Kb / 20P
   10V, High Effi ciency, Synchronous, No RSENSE Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com