Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR732HTTE1R00J Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # SR732HTTE1R00J
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732HTTE1R00J Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  SR732HTTE1R00J Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR732HTTE1R00J Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-239 R4
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 5 OF 8
Item
Requirement
Test Methods (JIS C 5202)
Thermal Shock
± 1.0%
-40°C 30 minutes
(Air to Air)
125°C 30 minutes
100 cycles
High Temperature
± 1.0%
7.2
Exposure
125 ± 3°C
1000 hrs.
Load Life in Humidity
± 2.0%
7.9
40 ± 2°C
90 ~ 95% RH
1000 hrs.
Load Life
± 2.0%
7.10
70 ± 3°C
1000 hrs.
8-3 Environmental Characteristics
Item
Requirement
Test Methods (JIS C 5202)
Insulation
Above 103
5.6
500V DC
The following sketch:
Withstanding Voltage
± 0.5%
5.7
500V DC
60 ± 10/0 sec.
The following sketch:
Temperature Rise
1) Surface temp. rise: 100°C≥
5.4
(Rated Load)
2) ΔR ± 0.5%
1) Test board
90mm x 10mm x 1.6mm
2) Recommended land dimensions
\
8-2 Electrical Characteristics (Continued)
\
SS-239 R4
12/5/07
10:11 AM
Page 5


Similar Part No. - SR732HTTE1R00J

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732HTTE1R00 KOA-SR732HTTE1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR732HTTE1R00J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com