Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54064 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL54064
Description  1.8V to 6.5V, Sub-ohm, Dual SPST
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54064 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL54064 Datasheet HTML 1Page - Intersil Corporation ISL54064 Datasheet HTML 2Page - Intersil Corporation ISL54064 Datasheet HTML 3Page - Intersil Corporation ISL54064 Datasheet HTML 4Page - Intersil Corporation ISL54064 Datasheet HTML 5Page - Intersil Corporation ISL54064 Datasheet HTML 6Page - Intersil Corporation ISL54064 Datasheet HTML 7Page - Intersil Corporation ISL54064 Datasheet HTML 8Page - Intersil Corporation ISL54064 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6582.0
February 25, 2009
Pinouts (Note 1)
ISL54063
(10 LD TDFN)
TOP VIEW
ISL54064
(10 LD TDFN)
TOP VIEW
ISL54063
(10 LD µTQFN)
TOP VIEW
ISL54064
(10 LD µTQFN)
TOP VIEW
NOTE:
1. Switches Shown for INx = Logic “0”.
IN1
NO1
COM1
N.C.
GND
IN2
NO2
COM2
N.C.
V+
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
IN1
N.C.
COM1
NC1
GND
IN2
N.C.
COM2
NC2
V+
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
GND
V+
N.C.
COM2
NO2
N.C.
COM1
NO1
IN1
IN2
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
GND
V+
NC2
COM2
N.C.
NC1
COM1
N.C.
IN1
IN2
1
2
3
4
5
10
9
8
7
6
CLICK AND
CIRCUITRY
POP
Truth Table
INx
ISL54063
NOx to COMx
ISL54064
NCx to COMx
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤0.5V. Logic “1” ≥1.4V with a 3V supply.
Pin Descriptions
PIN
FUNCTION
V+
IC Power Supply (+1.8V to +6.5V). Decouple V+ to
ground by placing a 0.1µF capacitor at the V+ and GND
supply lines as near as the IC as possible.
GND
Ground Connection
INx
Digital Control Input
COM
Analog Switch Common Pin
NOx
Analog Switch Normally Open Pin
NCx
Analog Switch Normally Closed Pin
N.C.
No Connect
ISL54063, ISL54064


Similar Part No. - ISL54064

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54064 INTERSIL-ISL54064 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
ISL54064 INTERSIL-ISL54064 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL54064 RENESAS-ISL54064 Datasheet
752Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
logo
Intersil Corporation
ISL54064 INTERSIL-ISL54064 Datasheet
412Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST with Click and Pop Elimination Single Supply Switch
November 3, 2009
ISL54064IRTZ INTERSIL-ISL54064IRTZ Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
More results

Similar Description - ISL54064

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54060 INTERSIL-ISL54060_09 Datasheet
396Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54060 INTERSIL-ISL54060 Datasheet
389Kb / 15P
   1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability
ISL54066 INTERSIL-ISL54066 Datasheet
389Kb / 14P
   1.8V to 6.5V, High Off-Isolation, Dual SPST Analog Switch
ISL54059 INTERSIL-ISL54059 Datasheet
392Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
ISL54059 INTERSIL-ISL54059_09 Datasheet
399Kb / 14P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability
logo
Analog Devices
ADG823BRMZ AD-ADG823BRMZ Datasheet
215Kb / 12P
   1 ohm CMOS, 1.8V to 5.5V, Dual SPST Switches
REV. A
logo
Intersil Corporation
ISL54062 INTERSIL-ISL54062 Datasheet
738Kb / 16P
   1.8V to 6.5V, Sub-Ohm, Dual SPDT Analog Switch with Negative Signal Capability and Click and Pop Elimination
ISL54065 INTERSIL-ISL54065_09 Datasheet
713Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54065 INTERSIL-ISL54065 Datasheet
706Kb / 15P
   1.8V to 6.5V, Sub-ohm, Click and Pop Elimination, Dual SPDT w/ Enable, Analog Switch with Negative Signal Capability
ISL54063_0911 INTERSIL-ISL54063_0911 Datasheet
409Kb / 15P
   Negative Signal Swing, Sub-ohm, Dual SPST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com