Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN412DTTE1002J100 Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # RN412DTTE1002J100
Description  Surface Mount Coat-insulated Fixed Metal Film Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

RN412DTTE1002J100 Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  RN412DTTE1002J100 Datasheet HTML 1Page - KOA Speer Electronics, Inc. RN412DTTE1002J100 Datasheet HTML 2Page - KOA Speer Electronics, Inc. RN412DTTE1002J100 Datasheet HTML 3Page - KOA Speer Electronics, Inc. RN412DTTE1002J100 Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
5. Environmental Application
Derating Curve
Surface Temperature Rise
100
80
60
40
20
20
40
60
80
100
120
140
160
155
70
Ambient Temperature
(
°C)
0
0
80
60
40
20
25
50
75
100
% Rated Power
0
0
2E
2B
2H
2D
2A
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
KOA SPEER ELECTRONICS, INC.
SS-197 R5
* RCWV = Rated Continuous Working Voltage.
Parameter
Thermal Shock
MIL-STD-202, Method 107, -55°C to +155°C, 5 cycles
±0.5%
Low Temperature Exposure
MIL-R-55342 π 4.7.4, 1 Hour @ -55°C
±0.2%
High Temperature Exposure
MIL-R-55342 π 4.7.6, 100 hours @ 155°C
±1.0% RN, ±2.0% RM
Short Time Overload
MIL-R-55342 π 4.7.5, 2.5 x RCWV for 5 seconds
±0.5%
Resistance to Solder Heat
MIL-R-55342 π 4.7.7, 260°C for 10 seconds
±0.5% RN, ±1.0% RM
Moisture Resistance
Dielectric Withstanding Voltage
2A
2B
2D
2E
2H
3AS
MIL-STD-202, Method 103, 40°C, 90 - 95% RH, 1000 hours
1 minute minimum
MIL-STD-202, Method 301
±1.0% RN, ±3.0% RM
Insulation Resistance
10,000 MΩ
Maximum Δ R ±(% + 0.05Ω)
Test Method
Pulse
2.5 x RCWV, not exceeding maximum overload voltage, 1 second ON,
25 seconds OFF, 10,000 cycles
±1.0% RN, ±2.0% RM
Life
MIL-STD-202, Method 108, 70°C, 1000 hours @ RCWV, 1.5 hr ON, 0.5 hr OFF
±1.0% RN, ±3.0% RM
200V Minimum
300V Minimum
300V Minimum
400V Minimum
500V Minimum
600V Minimum
6. Performance Characteristics
7. Packing
Packing box shall be marked with the
following items.
(1) Type, style and characteristic
(2) Nominal resistance (3) Quantity
(4) Lot number (5) Manufacturer's name
Quantity
Type
Bulk
Taping
2A
3,000 pcs./box
3,000 pcs./reel
2B, 2ES
3,000 pcs./box
3,000 pcs./reel
2D
2,000 pcs./box
2,000 pcs./reel
2E, 2H, 3AS
1,500 pcs./box
1,500 pcs./reel
SS-197 R5
6/7/07
5:15 PM
Page 3


Similar Part No. - RN412DTTE1002J100

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RN412DTTE1002J100 KOA-RN412DTTE1002J100 Datasheet
99Kb / 2P
   fixed metal film melf resistors
More results

Similar Description - RN412DTTE1002J100

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
E011202 HOKURIKU-E011202 Datasheet
36Kb / 1P
   Miniature Paint Insulated Metal Film Fixed Resistors
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
   High Stability Insulated Metal Film Fixed Resistors
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
logo
HOKURIKU ELECTRIC INDUS...
E011300 HOKURIKU-E011300 Datasheet
82Kb / 2P
   Miniature Paint Insulated Metal Oxide Film Fixed Resistors
logo
RFE international
LRT RFE-LRT Datasheet
795Kb / 8P
   SURFACE MOUNT METAL FILM RESISTORS
2022.04.20
logo
ABCO ELECTRONICS CO.LTD
MR18W ABCO-MR18W Datasheet
564Kb / 1P
   FIXED METAL FILM RESISTORS
logo
KOA Speer Electronics, ...
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
CW1HCT52 KOA-CW1HCT52 Datasheet
89Kb / 2P
   coat insulated miniature wirewound resistors
logo
Vishay Siliconix
WSF VISHAY-WSF_15 Datasheet
84Kb / 3P
   Metal Film Resistors, Power, Surface Mount
Revision: 06-Nov-14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com