Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3772BEDDB Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3772BEDDB
Description  Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3772BEDDB Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3772BEDDB Datasheet HTML 4Page - Linear Technology LTC3772BEDDB Datasheet HTML 5Page - Linear Technology LTC3772BEDDB Datasheet HTML 6Page - Linear Technology LTC3772BEDDB Datasheet HTML 7Page - Linear Technology LTC3772BEDDB Datasheet HTML 8Page - Linear Technology LTC3772BEDDB Datasheet HTML 9Page - Linear Technology LTC3772BEDDB Datasheet HTML 10Page - Linear Technology LTC3772BEDDB Datasheet HTML 11Page - Linear Technology LTC3772BEDDB Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC3772B
3772bfa
OPERATIO
(Refer to the Functional Diagram)
Main Control Loop (Normal Operation)
The LTC3772B is a constant frequency current mode step-
down switching regulator controller. During normal op-
eration, the external P-channel MOSFET is turned on each
cycle when the oscillator sets the RS latch and turned off
when the current comparator resets the latch. The peak
inductor current at which the current comparator trips is
controlled by the voltage on the ITH/RUN pin, which is the
output of the error amplifier. The negative input to the error
amplifier is the output feedback voltage VFB, which is
generated by an external resistor divider connected be-
tween VOUT and ground. When the load current increases,
it causes a slight decrease in VFB relative to the 0.8V
reference, which in turn causes the ITH/RUN voltage to
increase until the average inductor current matches the
new load current.
The main control loop is shut down by pulling the ITH/RUN
pin to ground. Releasing the ITH/RUN pin allows an
internal 1
µA current source to charge up the external
compensation network. When the ITH/RUN pin voltage
reaches approximately 0.6V, the main control loop is
enabled and the ITH/RUN voltage is pulled up by a clamp
to its zero current level of approximately one diode
voltage drop (0.7V). As the external compensation net-
work continues to charge up, the corresponding peak
inductor current level follows, allowing normal operation.
The maximum peak inductor current attainable is set by a
clamp on the ITH/RUN pin at 1.2V above the zero current
level (approximately 1.9V).
Dropout Operation
When the input supply voltage decreases towards the
output voltage, the rate of change of inductor current
during the on cycle decreases. This reduction means that
at some input-output differential, the external P-channel
MOSFET will remain on for more than one oscillator cycle
(start dropping off-cycles) since the inductor current has
not ramped up to the threshold set by the error amplifier.
Further reduction in input supply voltage will eventually
cause the external P-channel MOSFET to be turned on
100%; i.e., DC. The output voltage will then be determined
by the input voltage minus the voltage drop across the
sense resistor, the MOSFET and the inductor.
Undervoltage Lockout Protection
To prevent operation of the external P-channel MOSFET
with insufficient gate drive, an undervoltage lockout cir-
cuit is incorporated into the LTC3772B. When the input
supply voltage drops below approximately 2V, the
P-channel MOSFET and all internal circuitry other than the
undervoltage block itself are turned off. Input supply
current in undervoltage is approximately 1
µA.
Short-Circuit Protection
If the output is shorted to ground, the frequency of the
oscillator is folded back from 550kHz to approximately
200kHz while maintaining the same minimum on time.
This lower frequency allows the inductor current to safely
discharge, thereby preventing current runaway. After the
short is removed, the oscillator frequency will gradually
increase back to 550kHz as VFB rises through 0.3V on its
way back to 0.8V.
Overvoltage Protection
If VFB exceeds its regulation point of 0.8V by more than
10% for any reason, such as an output short-circuit to a
higher voltage, the overvoltage comparator will hold the
external P-channel MOSFET off. This comparator has a
typical hysteresis of 40mV.
Peak Current Sense Voltage Selection and Slope
Compensation (IPRG Pins)
When a controller is operating below 20% duty cycle, the
maximum sense voltage allowed across the external
P-channel MOSFET is 138mV, 70mV or 208mV for the
three respective states of the IPRG pin.


Similar Part No. - LTC3772BEDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
More results

Similar Description - LTC3772BEDDB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3772B LINER-LTC3772B_15 Datasheet
328Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772 Datasheet
252Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3772 LINER-LTC3772_15 Datasheet
258Kb / 20P
   Micropower No RSENSE Constant Frequency Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_1 Datasheet
237Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
   Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com