Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3736-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3736-2
Description  Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3736-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC3736-2 Datasheet HTML 1Page - Linear Technology LTC3736-2 Datasheet HTML 2Page - Linear Technology LTC3736-2 Datasheet HTML 3Page - Linear Technology LTC3736-2 Datasheet HTML 4Page - Linear Technology LTC3736-2 Datasheet HTML 5Page - Linear Technology LTC3736-2 Datasheet HTML 6Page - Linear Technology LTC3736-2 Datasheet HTML 7Page - Linear Technology LTC3736-2 Datasheet HTML 8Page - Linear Technology LTC3736-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
LTC3736-2
37362fa
Maximum Current Sense Voltage
vs ITH Pin Voltage
ITH VOLTAGE (V)
0.5
–20
0
20
40
60
100
1
1.5
37362 G09
2
80
FORCED CONTINUOUS
MODE
PULSE-SKIPPING
MODE
LOAD CURRENT (mA)
65
95
100
60
55
90
75
85
80
70
1
100
1000
10000
37362 G10
50
10
FIGURE 15 CIRCUIT
VIN = 3.3V
VOUT = 2.5V
PULSE-SKIPPING
MODE
(SYNC/FCB = VIN)
FORCED
CONTINUOUS
(SYNC/FCB = 0V)
Efficiency vs Load Current
Regulated Feedback Voltage
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
RUN/SS Pull-Up Current
vs Temperature
Maximum Current Sense Threshold
vs Temperature
TEMPERATURE (
°C)
–60
0
0.1
0.3
0.4
0.5
1.0
0.7
–20
20
40
37362 G12
0.2
0.8
0.9
0.6
–40
0
60
80
100
TEMPERATURE (
°C)
–60
0.4
0.5
0.6
0.7
0.8
–20
20
60
100
37362 G13
0.9
1.0
–40
0
40
80
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–60
–10
–8
–4
–2
0
10
4
–20
20
40
37362 G15
–6
6
8
2
–40
0
60
80
100
TEMPERATURE (
°C)
–60
2.30
2.40
100
37362 G16
2.20
2.10
–20
20
60
–40
0
40
80
2.50
2.25
2.35
2.15
2.45
VIN RISING
VIN FALLING
Undervoltage Lockout Threshold
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.
TEMPERATURE (
°C)
–60
150
155
160
165
170
–20
20
60
100
37362 G11
175
180
–40
0
40
80
IPRG = GND
TEMPERATURE (
°C)
–60
0.600
0.603
0.604
100
37362 G14
0.599
0.598
0.594
–20
20
60
–40
0
40
80
0.596
0.606
0.605
0.602
0.601
0.597
0.595


Similar Part No. - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736-2 LINER-LTC3736-2 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
More results

Similar Description - LTC3736-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3736 LINER-LTC3736 Datasheet
348Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Output Tracking
LTC3736 LINER-LTC3736_15 Datasheet
441Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3736-2 LINER-LTC3736-2_15 Datasheet
354Kb / 28P
   Dual 2-Phase, No RSENSE, Synchronous Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3708 LINER-LTC3708_15 Datasheet
417Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3708 LINER-LTC3708 Datasheet
420Kb / 32P
   Fast 2-Phase, No RSENSE Buck Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3736-1 LINER-LTC3736-1 Datasheet
528Kb / 28P
   Dual 2-Phase, No RSENSE Synchronous Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com