Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R1206CTTDB225K Datasheet(PDF) 5 Page - KOA Speer Electronics, Inc.

Part # X5R1206CTTDB225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R1206CTTDB225K Datasheet(HTML) 5 Page - KOA Speer Electronics, Inc.

  X5R1206CTTDB225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R1206CTTDB225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SS-241 R5
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
PAGE 5 OF 8
Metric dimensions will govern.
English measurements rounded and for reference only.
(1) For tape sizes 16mm and 24mm (used with chip size 3640) consult EIA RS-481 latest revision.
8. Reel Dimensions
* Drive spokes optional. If used,
asterisked dimensions apply.
C
D*
Full radius*
W1 (Measured at hub).
N (Hub dia.)
A
B*
Tape slot in core
for tape start.
0.98 (2.5) min. width,
.394 (10) min. depth.
1.575 (40) min.
Access hole at
slot location.
(Arbor hole dia.)
W2 (Measured at hub).
W3 (Includes flange
distortion at
outer edge).
Tape
A
B*
C
D*
N
W1
W2
W3
Size(1)
Max.
Min.
Min.
Min.
Max.
.311
8mm
.331
.567
(7.9 Min.)
12.992
0.059
0.512 ± 0.008
.795
1.969
(8.4
)
14.4
.429
(330)
(1.5)
(13.0 ± 0.20)
(20.2)
(50)
(10.9 Max.)
.469
12mm
.488
.724
(11.9 Min.)
(12.4
)
(18.4)
.607
(15.4 Max.)
Dimensions in inches (mm)
± .060
- 0.0
± 1.0
- 0.0
± .076
- 0.0
± 2.0
- 0.0
7. Tape and Reel Quantities
All tape and reel specifications are in compliance with RS481.
0402
All
All
All
10000
–––
–––
–––
–––
0603
All
All
All
–––
4000
–––
15000
–––
0805
X5R
All
All
–––
–––
3000
–––
–––
1206
X5R
All
All
–––
–––
2000
–––
–––
1210
X5R
10
106 ~ 226
–––
–––
2000
–––
–––
Size
Dielectric
Voltage
Cap. Range
TD
TE
TDB
TEB
TP
* TP is a 7" reel with a 2mm pitch,
TD & TE are 7" reels,
TDB & TEB are 13" reels


Similar Part No. - X5R1206CTTDB225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R1206CTTDB101B KOA-X5R1206CTTDB101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206CTTDB101C KOA-X5R1206CTTDB101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206CTTDB101D KOA-X5R1206CTTDB101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206CTTDB101F KOA-X5R1206CTTDB101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R1206CTTDB101G KOA-X5R1206CTTDB101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R1206CTTDB225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com