Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR731JTTDD1R00G Datasheet(PDF) 8 Page - KOA Speer Electronics, Inc.

Part # SR731JTTDD1R00G
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR731JTTDD1R00G Datasheet(HTML) 8 Page - KOA Speer Electronics, Inc.

  SR731JTTDD1R00G Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR731JTTDD1R00G Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-239 R4
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 8 OF 8
11-5 Dimensions of Reel
Size
øa max.
Code
7"
10"
øb
w
t
øc
ød
e
1 H (0201)
1 E (0402)
3.150
0.394
1.063
.118
1 J (0603)
(80 ± 2.0) (10 ± 1.0)
(27 ± 2.0) (3.0 ± 0.5)
2 A (0805)
7.008 10.039
.059
0.512
2 B (1206)
(178)
(255)
(1.5 ± 0.05)
(13 ± 0.5)
2 E (1210)
2.362
0.551
.827
.079
2 H (2010)
(60 ± 2.0) (14 ± 1.0)
(21 ± 2.0) (2.0 ± 0.5)
3 A (2512)
Dimensions in inches (mm)
Quantity per reel or reel size are requested to designate at the time of ordering.
Contents on label:
(1) Article number (SR73K2ATD J)
(4) Customer’s code number (subject to change)
(2) Quantity
(5) Production lot number
(3) Nominal Resistance and the
(6) Manufacturer’s name
chip marking [Ex: 0.2 Ω (R20)]
w
t
øa
øb
øc
ød
e
10. Packing
89
12
3001
Production
Date
Additional
year, month
day number
41~52
January 2006 ~ December 2006
53~64
January 2007 ~ December 2007
Lot number (8 digits)
11. Packaging Method
Size
TE 7" Embossed
TP 7" Punched
TD Punched
TED 10" Embossed TDD 10" Punched
Code
Plastic
Paper
Paper
Plastic
Paper
1 E (0402)
–––––
10,000
–––––
–––––
–––––
1 J (0603)
–––––
10,000
5,000
–––––
10,000
2 A (0805)
4,000
10,000
5,000
10,000
10,000
2 B (1206)
4,000
–––––
5,000
10,000
10,000
2 E (1210)
4,000
–––––
5,000
10,000
10,000
2 H (2010)
4,000
–––––
–––––
10,000
–––––
3 A (2512)
4,000
–––––
–––––
10,000
–––––
SS-239 R4
12/5/07
10:11 AM
Page 8


Similar Part No. - SR731JTTDD1R00G

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR731JTTDD1R00 KOA-SR731JTTDD1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR731JTTDD1R00G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com