Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3728EG Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3728EG
Description  Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3728EG Datasheet(HTML) 3 Page - Linear Technology

  LTC3728EG Datasheet HTML 1Page - Linear Technology LTC3728EG Datasheet HTML 2Page - Linear Technology LTC3728EG Datasheet HTML 3Page - Linear Technology LTC3728EG Datasheet HTML 4Page - Linear Technology LTC3728EG Datasheet HTML 5Page - Linear Technology LTC3728EG Datasheet HTML 6Page - Linear Technology LTC3728EG Datasheet HTML 7Page - Linear Technology LTC3728EG Datasheet HTML 8Page - Linear Technology LTC3728EG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC3728
3728fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
gm1, 2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5uA; (Note 3)
1.3
mmho
gmGBW1, 2
Transconductance Amplifier GBW
ITH1, 2 = 1.2V; (Note 3)
3
MHzIQ
Input DC Supply Current
(Note 4)
Normal Mode
VIN = 15V; EXTVCC Tied to VOUT1; VOUT1 = 5V
450
µA
Shutdown
VRUN/SS1, 2 = 0V
20
35
µA
VFCB
Forced Continuous Threshold
0.76
0.800
0.84
V
IFCB
Forced Continuous Pin Current
VFCB = 0.85V
– 0.50
– 0.18
– 0.1
µA
VBINHIBIT
Burst Inhibit (Constant Frequency)
Measured at FCB pin
4.3
4.8
V
Threshold
UVLO
Undervoltage Lockout
VIN Ramping Down
3.5
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VOSENSE1, 2
0.84
0.86
0.88
V
ISENSE
Sense Pins Total Source Current
(Each Channel); VSENSE1, 2– = VSENSE1+, 2+ = 0V
– 85
– 60
µA
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
IRUN/SS1, 2
Soft-Start Charge Current
VRUN/SS1, 2 = 1.9V
0.5
1.2
µA
VRUN/SS1, 2 ON RUN/SS Pin ON Threshold
VRUN/SS1, VRUN/SS2 Rising
1.0
1.5
1.9
V
VRUN/SS1, 2 LT RUN/SS Pin Latchoff Arming Threshold VRUN/SS1, VRUN/SS2 Rising from 3V
3.8
4.5
V
ISCL1, 2
RUN/SS Discharge Current
Soft Short Condition VOSENSE1, 2 = 0.5V;
0.5
2
4
µA
VRUN/SS1, 2 = 4.5V
ISDLHO
Shutdown Latch Disable Current
VOSENSE1, 2 = 0.5V
1.6
5
µA
VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
65
75
85
mV
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
62
75
88
mV
TG Transition Time:
(Note 5)
TG1, 2 tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
50
90
ns
BG Transition Time:
(Note 5)
BG1, 2 tr
Rise Time
CLOAD = 3300pF
40
90
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
100
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
1.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V
80
160
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLFLTR = 1.2V
360
400
440
kHz
fLOW
Lowest Frequency
VPLLFLTR = 0V
230
260
290
kHz
fHIGH
Highest Frequency
VPLLFLTR ≥ 2.4V
480
550
590
kHz
RPLLIN
PLLIN Input Resistance
50
k
IPLLFLTR
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
–15
µA
Sourcing Capability
fPLLIN > fOSC
15
µA
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3728EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3728 LINER-LTC3728 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3728 LINER-LTC3728 Datasheet
379Kb / 32P
   High Efficiency Synchronous Step-Down Switching Regulator
LTC3728 LINER-LTC3728 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L LINER-LTC3728L Datasheet
668Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulators
LTC3728L LINER-LTC3728L Datasheet
460Kb / 38P
   Dual, 550kHz, 2-Phase Synchronous Regulators
More results

Similar Description - LTC3728EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3728 LINER-LTC3728_15 Datasheet
1Mb / 36P
   Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
LTC1702 LINER-LTC1702_15 Datasheet
421Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702 LINER-LTC1702 Datasheet
350Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A_15 Datasheet
422Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC1702A LINER-LTC1702A Datasheet
416Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
LTC3728L-1 LINER-LTC3728L-1 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3728L-1 LINER-LTC3728L-1_15 Datasheet
480Kb / 32P
   Dual, 550kHz, 2-Phase Synchronous Regulator
LTC3729 LINER-LTC3729_15 Datasheet
353Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729 Datasheet
342Kb / 28P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3729 LINER-LTC3729_1 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com