Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR732HTTE1R00F Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # SR732HTTE1R00F
Description  Low Resistance Flat Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SR732HTTE1R00F Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  SR732HTTE1R00F Datasheet HTML 1Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 2Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 3Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 4Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 5Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 6Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 7Page - KOA Speer Electronics, Inc. SR732HTTE1R00F Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KOA SPEER ELECTRONICS, INC.
SS-239 R4
AHA 12/05/07
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 1 OF 8
Low Resistance Flat Chip Resistors
Type SR73
1. Scope
This specification applies to chip resistors (SR73) produced by KOA Corporation.
2. Type Designation
The type designation shall be in the following form:
3. Dimensions and Structure
3-1 Dimensions
Tolerance
D: ±0.5%
F: ±1%
G: ±2%
J: ±5%
F
Termination
Material
T: Sn
(Other termination
styles may be
available, please
contact factory
for options)
T
SR73
Size
Size
1E
1J
2A
2B
2E
2H
3A
2B
Nominal
Resistance
±2%, ±5%: 2 significant figures +
1 multiplier “R” indicates decimal
on value <10Ω
±1%: 3 significant figures + 1
multiplier “R” indicates decimal
on value <100Ω
All values less than 0.1Ω (100mΩ)
are expressed in mΩ with “L” as
decimal Example: 20mΩ = 20L0
1R00
Packaging
TP: 2mm Pitch Punched
Paper Tape
(0402, 0603 & 0805)
TD: 7" Paper Tape
(0603, 0805, 1206 & 1210)
TDD: 10" Paper Tape
(0603, 0805, 1206 &1210)
TE: 7" Punched Plastic
(0805, 1206, 1210,
2010 & 2512)
TED: 10" Punched Plastic
(0805, 1206, 1210,
2010 & 2512)
TD
CERTIFIED
CERTIFIED
Protective
Coating
Inner
Electrode
Resistive
Film
Ceramic
Substrate
Solder
Plating
Ni
Plating
L
c
c
W
t
d
Type
L
.039 +.004
-.002
(1.0 +0.1 )
-0.05
.01±.004
(0.25±0.1)
.012 +.008
-.004
(0.3 +0.2)
-0.1
.016 +.008
-.004
(0.4 +0.2)
-0.1
.014±.002
(0.35±0.05)
.018±.004
(0.45±0.1)
.014±.004
(0.35±0.1)
.02±.004
(0.5±0.1)
.024±.004
(0.6±0.1)
.01±.004
(0.25±0.1)
.014±.004
(0.35±0.1)
.016±.008
(0.4±0.2)
.02±.012
(0.5±0.3)
.063±.008
(1.6±0.2)
.102±.008
(2.6±0.2)
.098±.008
(2.5±0.2)
.122±.008
(3.1±0.2)
.126±.008
(3.2±0.2)
.049±.004
(1.25±0.1)
.031 +.006
-.004
(0.8 +0.15)
-0.1
.02 +.004
-.002
(0.5 +0.1 )
-0.05
.063±.008
(1.6±0.2)
.079±.008
(2.0±0.2)
.197±.008
(5.0±0.2)
.248±.008
(6.3±0.2)
1E
(0402)
1J
(0603)
2A
(0805)
2B
(1206)
2H
(2010)
3A
(2512)
(Inch Size Code)
Wc
d
t
Dimensions inches (mm)
2E
(1210)
.025±.005
(0.65±0.15)
SS-239 R4
12/5/07
10:11 AM
Page 1


Similar Part No. - SR732HTTE1R00F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SR732HTTE1R00 KOA-SR732HTTE1R00 Datasheet
98Kb / 2P
   lo-ohm 0.5%, 1%, 2%,5%tolerance thick film current sense resistor
More results

Similar Description - SR732HTTE1R00F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBL62FTR020 ETC-RBL62FTR020 Datasheet
523Kb / 7P
   Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
KOA Speer Electronics, ...
UR73V KOA-UR73V Datasheet
96Kb / 2P
   low resistance flat chip resistor
logo
Panasonic Semiconductor
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors
logo
List of Unclassifed Man...
CC1512FC ETC2-CC1512FC Datasheet
173Kb / 2P
   Low Resistance Precision Chip Resistors
CD2015FC ETC2-CD2015FC Datasheet
137Kb / 2P
   Low Resistance Precision Chip Resistors
RLH12FTCR100 ETC-RLH12FTCR100 Datasheet
488Kb / 8P
   High Power Low Resistance Chip Resistors
logo
HOKURIKU ELECTRIC INDUS...
WLCR32-R10JV HOKURIKU-WLCR32-R10JV Datasheet
153Kb / 2P
   High Power Low Resistance Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
   Low Resistance Value Chip Resistors(Current Sensing Resistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com