Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5R0603KTTE225K Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # X5R0603KTTE225K
Description  Ceramic Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

X5R0603KTTE225K Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  X5R0603KTTE225K Datasheet HTML 1Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 2Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 3Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 4Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 5Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 6Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 7Page - KOA Speer Electronics, Inc. X5R0603KTTE225K Datasheet HTML 8Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0805
Size
0402
0603
0805
1206
1210
SS-241 R5
AHA 1/24/07
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Spec if i ca ti ons gi v en h er ei n m ay be c hanged at any ti m e wi t hout pr i or noti c e. Pl eas e c onf ir m tec hni c al s peci f i cat i ons bef or e y ou or der a nd/or use .
PAGE 1 OF 8
Ceramic Chip Capacitors
Type X5R
1. General
General purpose dielectric for ceramic capacitors
EIA class ll dielectric
Temperature variation of capacitance is within ±15% from -55°C to +85°C
Well suited for decoupling and filtering applications
Available in high capacitance values (up to 100 µF)
3. Type Designation
The type designation shall be the following form:
Voltage
Capacitance
Code
X5R
225
Capacitance
Tolerance
K
Dielectric
A
Packaging
TD
K = 6.3V
A = 10V
C = 16V
2 significant
digits + no.
of zeros.
TP: 7" 2mm pitch
(0402 only)
TD: 7" Paper tape
TE: 7" Embossed plastic
TDB: 13" Paper tape
TEB: 13" Embossed plastic
K: ±10%
Table 1
2. Dimensions
Dimensions in inches (mm)
T
Termination
T: Sn
CERTIFIED
CERTIFIED
W
t
L
d
d
Ni
Plating
Silver
Metallization
Solder
Plating (Sn)
Electrodes
Ceramic
Body
L
.039±.004
(1.0±0.1)
.02±.004
(0.5±0.1)
.01±.006
(0.25±0.15)
.021
(0.55)
W
t (Max.)
d
Dimensions inches (mm)
0402
.063±.006
(1.6±0.15)
.032±.006
(0.81±0.15)
.014±.006
(0.35±0.15)
.035
(0.9)
0603
.079±.008
(2.01±0.2)
.049±.008
(1.25±0.2)
.02±.01
(0.50±0.25)
.051
(1.3)
0805
.126±.008
(3.2±0.2)
.063±.008
(1.6±0.2)
.02±.01
(0.5±0.25)
.059
(1.5)
1206
.126±.008
(3.2±0.2)
.098±.008
(2.5±0.2)
.02±.01
(0.5±0.25)
.067
(1.7)
1210
Case
Size


Similar Part No. - X5R0603KTTE225K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
X5R0603KTTE101B KOA-X5R0603KTTE101B Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0603KTTE101C KOA-X5R0603KTTE101C Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0603KTTE101D KOA-X5R0603KTTE101D Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0603KTTE101F KOA-X5R0603KTTE101F Datasheet
243Kb / 5P
   ceramic chip capacitors
X5R0603KTTE101G KOA-X5R0603KTTE101G Datasheet
243Kb / 5P
   ceramic chip capacitors
More results

Similar Description - X5R0603KTTE225K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C122J5GACTU KEMET-C0402C122J5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0603C103J3GACTU KEMET-C0603C103J3GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C473K5RACTU KEMET-C1206C473K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1632C33111RAC KEMET-C1632C33111RAC Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
logo
KOA Speer Electronics, ...
NPO0402A KOA-NPO0402A Datasheet
167Kb / 13P
   Ceramic Chip Capacitors
logo
Kemet Corporation
C0402C229C5GACTU KEMET-C0402C229C5GACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C225K4RACTU KEMET-C0805C225K4RACTU Datasheet
156Kb / 4P
   CERAMIC CHIP CAPACITORS
C0201C103B1GA KEMET-C0201C103B1GA Datasheet
1Mb / 8P
   CERAMIC CHIP CAPACITORS
C0805C103K5RAC KEMET-C0805C103K5RAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C0805C472K5RACTU KEMET-C0805C472K5RACTU Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
C1206C152K1GAC KEMET-C1206C152K1GAC Datasheet
1Mb / 9P
   CERAMIC CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com