Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3723EGN-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3723EGN-1
Description  Synchronous Push-Pull PWM Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3723EGN-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC3723EGN-1 Datasheet HTML 1Page - Linear Technology LTC3723EGN-1 Datasheet HTML 2Page - Linear Technology LTC3723EGN-1 Datasheet HTML 3Page - Linear Technology LTC3723EGN-1 Datasheet HTML 4Page - Linear Technology LTC3723EGN-1 Datasheet HTML 5Page - Linear Technology LTC3723EGN-1 Datasheet HTML 6Page - Linear Technology LTC3723EGN-1 Datasheet HTML 7Page - Linear Technology LTC3723EGN-1 Datasheet HTML 8Page - Linear Technology LTC3723EGN-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3723-1/LTC3723-2
4
372312f
VCC (V)
0
100
150
8
372312 G01
50
0
2
4
6
10
200
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 9.5V unless otherwise noted.
Start-Up ICC vs VCC
VCC vs ISHUNT
Oscillator Frequency vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
ISHUNT (mA)
0
10.00
10.25
40
372312 G02
9.75
9.50
10
20
30
50
10.50
TEMPERATURE (
°C)
240
250
80
372312 G03
230
220
–40
– 60
– 20
20
0
40
60
100
260
CT = 270pF
(TA = 25°C unless otherwise noted)
Leading Edge Blanking Time
vs RLEB
VREF vs IREF
VREF vs Temperature
RLEB (kΩ)
0
350
300
250
200
150
100
50
0
372312 G04
40
100
20
10
30
50
70
90
60
80
IREF (mA)
0
5.05
5.00
4.95
4.90
4.85
4.80
15
25
40
372312 G05
510
20
30
35
TJ = 25°C
TJ = 85°C
TJ = –40°C
TEMPERATURE (
°C)
4.99
5.00
80
372312 G06
4.98
4.97
–40
– 60
– 20
20
0
40
60
100
5.01
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Includes leading edge blanking delay, RLEB = 20k, not tested in
production.
Note 3: FB is driven by a servo loop amplifier to control VCOMP for these
tests.
Note 4: Set FB to –0.3V, 2.5V and insure that COMP does not phase invert.
Note 5: The LTC3723E–1/LTC3723E-2 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
SSI
Soft-Start Current
SS = 2.5V
10
13
16
µA
SSR
Soft-Start Reset Threshold
Measured on SS
0.7
0.4
0.1
V
FLT
Fault Reset Threshold
Measured on SS
4.5
4.2
3.5
V


Similar Part No. - LTC3723EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3723-1 LINER-LTC3723-1 Datasheet
282Kb / 20P
   Synchronous Rectifier Driver for Forward Converters
LTC3723-1 LINER-LTC3723-1 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
More results

Similar Description - LTC3723EGN-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UC1827- TI-UC1827- Datasheet
283Kb / 15P
[Old version datasheet]   Buck Current/Voltage Fed Push-Pull PWM Controllers
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
MIC GROUP RECTIFIERS
MIC3808 MIC-MIC3808_11 Datasheet
150Kb / 11P
   Push-Pull PWM Controller
logo
Linear Technology
LTC3721-1 LINER-LTC3721-1_15 Datasheet
190Kb / 16P
   Push-Pull PWM Controller
logo
Linear Integrated Syste...
LTC3721-1 LINEAR-LTC3721-1 Datasheet
180Kb / 16P
   Push-Pull PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com