Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCO-117TC Datasheet(PDF) 1 Page - SIRENZA MICRODEVICES

Part # VCO-117TC
Description  VCO Product Specification
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

VCO-117TC Datasheet(HTML) 1 Page - SIRENZA MICRODEVICES

  VCO-117TC Datasheet HTML 1Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VCO Product Specification
Model:
VCO-117TC
Rev: -
Date: 7/18/2002
Customer: SIRENZA MICRODEVICES, INC.
Operating Temperature Range:
( -55 ° to 100 ° C)
Parameter
Min
Typ
Max
Units
X
Remarks
Frequency Range -
300
600
MHz
X
Tuning Voltage:
300 MHz
0
1.4
Vdc
X
600 MHz
18
20
Vdc
X
Tuning Sensitivity:
300 MHz
14.9
19.8
24.8
MHz/V
X
375 MHz
15.1
20.1
25.1
MHz/V
X
450 MHz
18.2
24.2
30.3
MHz/V
X
525 MHz
13.8
18.4
23
MHz/V
X
600 MHz
7.8
10.1
12.6
MHz/V
X
Output Power -
10
13
16
dBm
X
Output Phase Noise:
10 kHz
-100
-94
dBc/Hz
X
100 kHz
-122
-116
dBc/Hz
X
1000 kHz
-145
-139
dBc/Hz
X
Power Supply -
14.75
15
15.25
Volts
X
Supply Current -
14.5
16
mA
X
Harmonic Suppression:
2nd Harmonic
-12
-10
dBc
X
3rd Harmonic
-12
-10
dBc
X
Spurious (Non-Harmonic) -
-80
dBc
Frequency Pushing - 14.75-
15.25 V
1
4
MHz p-p
Frequency Pulling - 12 dB RL
10
12
MHz p-p
Output Impedance -
50
Modulation:
Bandwidth
5000
10000
kHz
Input Impedance
0.05
k
Package Information
Package Type:
TO-8 (Cir)
Drawing Number:
A8678
Dimensions:
0.504 x 0.504 x 0.27 inches
Drawing Revision:
P
Comments
X Indicates parameter to be tested 100% in production
Performance tests and ratings for Sirenza Microdevices’ products were performed internally by Sirenza and measured using specific computer systems
and/or components and reflect the approximate performance of the the products as measured by those tests. Any difference in circuit implementation, test
software, or test equipment may affect actual performance. The information provided herein is believed to be reliable at press time and Sirenza
Microdevices assumes no responsibility for the use of this information. All such use shall be entirely at the user’s own risk. Prices and specifications for
Sirenza Microdevices’ products are subject to change without notice. Buyers should consult Sirenza Microdevices’ standard terms and conditions of sale
for Sirenza’s limited warranty with regard to its products. These products may be patented or include patented technology. No patent rights or licenses to
any of the circuits described herein are implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any product for use in
life-support devices and/or systems.
Page 1 of 1
Sirenza Microdevices, Inc.
303 S. Technology Ct.
Broomfield, CO 80021
tel 303.327.3030
fax 303.410.7988


Similar Part No. - VCO-117TC

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
VCO-110 RFMD-VCO-110 Datasheet
138Kb / 1P
   Nominal Operating Parameters
logo
SIRENZA MICRODEVICES
VCO-110TC SIRENZA-VCO-110TC Datasheet
281Kb / 1P
   VCO Product Specification
logo
RF Micro Devices
VCO-110TC RFMD-VCO-110TC Datasheet
138Kb / 1P
   Nominal Operating Parameters
VCO-111 RFMD-VCO-111 Datasheet
137Kb / 1P
   Nominal Operating Parameters
logo
SIRENZA MICRODEVICES
VCO-111TC SIRENZA-VCO-111TC Datasheet
281Kb / 1P
   VCO Product Specification
More results

Similar Description - VCO-117TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCO190-450AT ETC-VCO190-450AT Datasheet
262Kb / 1P
   VCO Product Specification
logo
SIRENZA MICRODEVICES
VCO190-112T SIRENZA-VCO190-112T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-836MT SIRENZA-VCO190-836MT Datasheet
273Kb / 1P
   VCO Product Specification
VCO190-880T SIRENZA-VCO190-880T Datasheet
149Kb / 1P
   VCO Product Specification
VCO190-940T SIRENZA-VCO190-940T Datasheet
147Kb / 1P
   VCO Product Specification
VCO191-888U SIRENZA-VCO191-888U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-938U SIRENZA-VCO191-938U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-947U SIRENZA-VCO191-947U Datasheet
149Kb / 1P
   VCO Product Specification
VCO191-967X SIRENZA-VCO191-967X Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1007U SIRENZA-VCO190-1007U Datasheet
148Kb / 1P
   VCO Product Specification
VCO190-1100T SIRENZA-VCO190-1100T Datasheet
149Kb / 1P
   VCO Product Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com