Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0805TTEB100M Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # SDR0805TTEB100M
Description  Fixed High-Frequency Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

SDR0805TTEB100M Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  SDR0805TTEB100M Datasheet HTML 1Page - KOA Speer Electronics, Inc. SDR0805TTEB100M Datasheet HTML 2Page - KOA Speer Electronics, Inc. SDR0805TTEB100M Datasheet HTML 3Page - KOA Speer Electronics, Inc. SDR0805TTEB100M Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SS-201 R2
Bolivar Drive I P.O. Box 547 I Bradford, PA 16701 I USA I 814-362-5536 I Fax 814-362-8883 I www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
PAGE 3 OF 4
Item
Performance
Test Method (JIS C 5321)
Body Strength
No damage
Load 1kg. for 10 seconds
R: The top of
loading stick
L: Slot-width
SDR 0805:
.157" (4.0 mm)
Resistance to
Change of
To put the sample on paper phenolic resin laminate base and to vibrate
Vibration
Inductance: ±5%
at the frequency of 10-55-10 Hz for each X, Y, Z direction for 2 hours
and to sweep it at a full vibration width .059" (1.5mm) for 1 minute.
Resistance to
No remarkable
To immerse into Solder bath of 260 ± 5 °C for 10 ± 1 seconds.
Soldering
visual damage
Solderability
The electrode
To immerse for 3 ± 0.5 seconds at 235 ± 5 °C
shall be covered
with new solder
9. Mechanical Performance
1R
L
Item
Performance
Test Method (JIS C 5321)
Resistance to
Change of
To leave in a bath at -40 ± 2 °C for 1,000 hours.
Cold
Inductance: ±10%
Temperature
Change of
To keep at -25°C ~ 85°C for 30 minutes in 5 cycles and leave for
Cycling
Inductance: ±10%
10 ~ 15 minutes in normal temperature at the time of transition between
low temperatures and high temperatures
Resistance to
Change of
To leave in a bath at -85 ± 2 °C for 2 hours.
Heat
Inductance: ±10%
T. C. R
Change of
20°C shall be standard and change of inductance shall be measured
Inductance: ±5%
at -25°C ~ 85°C.
Resistance to
Change of
Temperature: 60 ± 2 °C
Damp
Inductance: ±10%
Humidity: 90 ~ 95%
(Steady State)
Test hours: 1,000 hours
Endurance
Change of
Temperature: 40 ± 2 °C
(Under Damp
Inductance: ±10%
Humidity: 90 ~ 95%
and Load)
To supply allowable current for 1,000 hours continually
Endurance
Change of
Temperature: 85 ± 2 °C
(Under high
Inductance: ±10%
To supply allowable current for 1,000 hours
Temperature)
10. Environmental Tests
KOA SPEER ELECTRONICS, INC.


Similar Part No. - SDR0805TTEB100M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
93Kb / 3P
   power choke coil inductor
SDR0805TTEB100M KOA-SDR0805TTEB100M Datasheet
226Kb / 3P
   shielded power choke coil inductor
More results

Similar Description - SDR0805TTEB100M

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SDR0604TTEB KOA-SDR0604TTEB Datasheet
78Kb / 4P
   Fixed High-Frequency Inductors
SDR1006T KOA-SDR1006T Datasheet
79Kb / 4P
   Fixed High-Frequency Inductors
logo
TDK Electronics
MLK1005S1N0S TDK-MLK1005S1N0S Datasheet
151Kb / 15P
   Inductors for High Frequency
logo
Allied Components Inter...
HFC05-1N0S-RC ALLIED-HFC05-1N0S-RC Datasheet
410Kb / 1P
   High Frequency Chip Inductors
HFC10-1N0S-RC ALLIED-HFC10-1N0S-RC Datasheet
364Kb / 1P
   High Frequency Chip Inductors
logo
TE Connectivity Ltd
3640 TEC-3640 Datasheet
177Kb / 3P
   High Frequency Inductors SMD
10/2012
logo
Allied Components Inter...
HFC03SM ALLIED-HFC03SM Datasheet
430Kb / 1P
   High Frequency Chip Inductors
HFC03 ALLIED-HFC03 Datasheet
461Kb / 1P
   High Frequency Chip Inductors
HFC05 ALLIED-HFC05 Datasheet
379Kb / 1P
   High Frequency Chip Inductors
HFC03-0N2S-RC ALLIED-HFC03-0N2S-RC Datasheet
366Kb / 1P
   High Frequency Chip Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com