Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CW2HCT521R10R0D Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # CW2HCT521R10R0D
Description  coat insulated miniature wirewound resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CW2HCT521R10R0D Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  CW2HCT521R10R0D Datasheet HTML 1Page - KOA Speer Electronics, Inc. CW2HCT521R10R0D Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For further information
on packaging, please
refer to Appendix C.
CWH
coat insulated miniature wirewound resistors
features
Resistors meeting MIL-PRF-26 (U characteristics)
High precision resistors with T.C.R. less than ±50x10-6/K
Flame retardant coating (Equivalent to UL94 V-0)
Automatic insertion is applicable
Various types of formings are available
Excellent in pulse characteristic
Marking: Black body color
Precision: Alpha-numeric marking
Products with lead-free terminations meet EU RoHS
and China RoHS requirements
Axial: T52,
T521, T631
Radial: VTP, GT
L forming:
L12.5A, L15A,
L20A, L25A
ordering information
3 significant figures
+ 1 multiplier
“R” indicates decimal
on values <100
1: 1W
2: 2W
3: 3W
H: Stability
C: SnCu
D: ±0.5%
F: ±1%
CW
3
H
C
Style
Type
Power
Rating
Nominal
Resistance
Tolerance
Termination
Material
Taping and
Forming
New Part #
T521
10R0
A: Ammo
R: Reel
Packaging
A
F
dimensions and construction
d
D
Marking
Insulation Coating
Electrode
Cap
Lead
Wire
L
l
t
t
Ceramic Core
Resistive
Wire
L
CW1H
.374±.039
(9.5±1.0)
.138±.039
(3.5±1.0)
.031
(0.8)
1.18±.118
(30.0±3.0)
.157±.039
(4.0±1.0)
.236±.039
(6.0±1.0)
.118
(3.0)
.472±.039
(12.0±1.0)
CW2H
CW3H
Type
t (max.)
D
d (nom.)
l
Dimensions inches
(mm)
PMS 300 neg.
Black neg.
.591±.039
(15.0±1.0)
EU
129
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
3/04/08
1733 Reader's Spreads pg1-203:document
1/27/09
4:11 PM
Page 127


Similar Part No. - CW2HCT521R10R0D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW2HCT52A103F KOA-CW2HCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
More results

Similar Description - CW2HCT521R10R0D

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CW1PCT26 KOA-CW1PCT26 Datasheet
98Kb / 2P
   coat insulated, precision coat insulated miniature wirewound leaded resistors
CW12PCT52A103F KOA-CW12PCT52A103F Datasheet
319Kb / 3P
   coat insulated, precision coat insulated and miniature wirewound leaded resistors
RW1NT103 KOA-RW1NT103 Datasheet
97Kb / 2P
   coat insulated miniature precision power wirewound resistors
RW12NT103J KOA-RW12NT103J Datasheet
285Kb / 2P
   coat insulated miniature precision power wirewound resistors
RF26B2ETTA100J KOA-RF26B2ETTA100J Datasheet
434Kb / 2P
   coat-insulated fusing resistors
RN412BT KOA-RN412BT Datasheet
89Kb / 4P
   Surface Mount Coat-insulated Fixed Metal Film Resistors
RF25CCT52AR68K KOA-RF25CCT52AR68K Datasheet
435Kb / 2P
   coat-insulated fusing resistors (constant current fusing type)
logo
Vishay Siliconix
RLP VISHAY-RLP Datasheet
87Kb / 5P
   Insulated Precision Wirewound Resistors Axial Leads
Revision: 02-Apr-15
G00310R00FS7080 VISHAY-G00310R00FS7080 Datasheet
197Kb / 3P
   Wirewound Resistors, Miniature, Industrial, Precision Power
logo
KOA Speer Electronics, ...
RF25CT52A100J KOA-RF25CT52A100J Datasheet
127Kb / 2P
   coat-insulated fusing resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com