Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSN3C Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # PSN3C
Description  high voltage power resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

PSN3C Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  PSN3C Datasheet HTML 1Page - KOA Speer Electronics, Inc. PSN3C Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PMS 300 neg.
Black neg.
PSN, PV, PSO, PN, PWW, PAP
high voltage power resistors
Resistance Range (
Ω)
J: ±5%
K: ±10%
M: ±20% (E24)
500~500M
1k~1G
2k~2G
3k~3G
4k~4G
5k~5G
6k~6G
500~500M
1k~1G
1.5k~1.5G
2.5k~2.5G
2.5k~2.5G
500~500M
1k~1G
2k~2G
3k~3G
4k~4G
5k~5G
6k~6G
50~500k
100~1M
200~2M
300~3M
400~4M
10~800
10~400
15~1500
10~800
25~2500
15~1000
50~5000
25~2000
T.C.R.
(x10-6/K)
±1500: +25°C/-15°C
±1000: +25°C/+85°C
(R<1G
Ω)
±3000
(R1G
Ω)
applications and ratings
Derating Curve
environmental applications
100
80
60
40
20
-40
-20
0
20
40
140
-15
Ambient Temperature (°C)
0
60
125
80
100
120
-25
-30
1
2
1
2
1
PSN, PV, PN
PWW, PAP
2
PSO
Performance Characteristics
Part
Designation
PSN-0.5
PSN-1
PSN-2
PSN-3
PSN-4
PSN-5
PSN-6
PV-0.5
PV-1
PV-2
PV-5
PV-8
PSO-0.5
PSO-1
PSO-2
PSO-3
PSO-4
PSO-5
PSO-6
PN-0.5
PN-1
PN-2
PN-3
PN-4
PWW-3
PAP-3
PWW-4
PAP-4
PWW-5
PAP-5
PWW-6
PAP-6
Power
Rating
(W)
2
5
10
25
50
125
250
2
4
7
12
20
1.5
4
8
20
40
100
200
1.5
3
6
9
12
25
50
100
200
Maximum
Working
Voltage
15kV
30kV
60kV
90kV
120kV
150kV
300kV
24kV
45kV
75kV
15kV
30kV
60kV
90kV
120kV
150kV
300kV
Impulse
Withstand
Voltage
20kV
40kV
80kV
120kV
160kV
200kV
400kV
32kV
60kV
100kV
20kV
40kV
80kV
120kV
160kV
200kV
400kV
20kV
40kV
80kV
120kV
160kV
120kV
160kV
200kV
Operating
Temperature
Range
-30°C~+125°C
-15°C~+60°C
-30°C~+125°C
Inductance
(
µH)
Maximum
20
3
35
6
70
12
150
25
Type
PSN-0.5, PSN-1, PV-2
PSN-2, PV-5
PSN-3, PV-8
PSN-4
PSN-5, PSN-6
R
8.5
11.5
16
22
30
E
11
15
18
20
25
F
16
18
24
36
46
G
24
32
40
59
74
M
ø4.2
ø6.5
t
0.8
1.0
1.5
1.5
W
1.5±0.5
1.5±1.0
2.0±1.0
Holder Dimensions (mm)
R
M
W
F
5
4
5
4
E
M
E
t
R
F
5
4
5
4
t
B
Parameter
Resistance
T.C.R.
Rapid Change of Temperature
Voltage Characteristics
Moisture Resistance
Endurance at 25°C
Requirements
∆ R±%
Within specified tolerance
Within specified T.C.R.
5
3
5: R<100M
10 :R
≥100MΩ
5: R<100M
10 :R
≥100MΩ
Test Method
25°C
R<1G
R
≥1GΩ
-30°C (30 minutes)/+85°C (30 minutes) 5 cycles
Except for PSN
Rated voltage or max. working voltage, whichever is lower and 1/10
of its voltage
40°C, 90%~95%RH, 250 hours
25°C, 500 hours
25°C, 500 hours, Continuous load
±1500 : +25°C/-15°C
±1000 : +25°C/+85°C
±3000 : +25°C/-15°C, +25°C/+85°C
98
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/28/08
(PWW, PAP: Please contact factory for details)
1733 Reader's Spreads pg1-203:document
1/27/09
4:08 PM
Page 96


Similar Part No. - PSN3C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PSN3 MSYSTEM-PSN3 Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN3-611-6K3 MSYSTEM-PSN3-611-6K3 Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN3-611-6K3/E MSYSTEM-PSN3-611-6K3/E Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN3-611-6L3 MSYSTEM-PSN3-611-6L3 Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
PSN3-611-6L3/E MSYSTEM-PSN3-611-6L3/E Datasheet
205Kb / 7P
   Final Control Elements SERVO-TOP II ELECTRONIC ACTUATOR
More results

Similar Description - PSN3C

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI85 TOKEN-RI85 Datasheet
470Kb / 6P
   High Voltage Power Resistors
logo
KOA Speer Electronics, ...
PSN05CPFA105JPS001CF105J KOA-PSN05CPFA105JPS001CF105J Datasheet
295Kb / 3P
   high voltage power resistors
logo
Riedon Powertron
PFU1000-1RJ1 RIEDON-PFU1000-1RJ1 Datasheet
241Kb / 3P
   High Power Resistors / High Voltage Resistors 1000 W & 800 W
logo
Token Electronics Indus...
HI80 TOKEN-HI80 Datasheet
917Kb / 12P
   Ultra-Precision High-Power High-Voltage Resistors
logo
Murata Manufacturing Co...
MHR0307SA105M20 MURATA1-MHR0307SA105M20_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
MHR0307SA105M70 MURATA1-MHR0307SA105M70_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
MHR0307SA106G70 MURATA1-MHR0307SA106G70_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
MHR0307SA105G70 MURATA1-MHR0307SA105G70_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
MHR0307SA106G20 MURATA1-MHR0307SA106G20_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
MHR0307SA105F70 MURATA1-MHR0307SA105F70_V01 Datasheet
79Kb / 2P
   High Voltage Resistors
09/16/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com