Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-14929 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14929
Description  10 BASE-T Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14929 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14929 Datasheet HTML 1Page - Rhombus Industries Inc. T-14929 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
100 mil
100 mil
50 mil
50 mil
Turns Ratio
OCL
E-T
Rise
Pri. / Sec.
LL
DCRP
Part #
Part #
Part #
Part #
+3%
TYP
min.
Time max.
CW/Wmax.
max.
max.
W/CMC
W/CMC
(1-3:16-14)/(6-8:11-9)
(
µH )
( V
µS)
( ns )
( pF )
(
µH )
(
Ω )
T-13010
T-14810 T-14010 T-14910
1CT:1CT/1CT:1CT
50
2.1
3.0
9
.20
.20
T-13011
T-14811 T-14011 T-14911
1CT:1CT/1CT:1CT
75
2.3
3.0
10
.25
.25
T-13000
T-14800 T-14012 T-14912
1CT:1CT/1CT:1CT
100
2.7
3.5
10
.30
.30
T-13012
T-14812 T-14013 T-14913
1CT:1CT/1CT:1CT
150
3.0
3.5
12
.35
.35
T-13001
T-14801 T-14014 T-14914
1CT:1CT/1CT:1CT
200
3.5
3.5
15
.40
.40
T-13013
T-14813 T-14015 T-14915
1CT:1CT/1CT:1CT
250
3.5
3.5
15
.45
.45
T-13014
T-14814 T-14024 T-14924
1CT:1CT/1CT:1.41CT
50
2.1
3.0
9
.20
.20
T-13015
T-14815 T-14025 T-14925
1CT:1CT/1CT:1.41CT
75
2.3
3.0
10
.25
.25
T-13016
T-14816 T-14026 T-14926
1CT:1CT/1CT:1.41CT
100
2.7
3.5
10
.30
.30
T-13017
T-14817 T-14027 T-14927
1CT:1CT/1CT:1.41CT
150
3.0
3.5
12
.35
.35
T-13018
T-14818 T-14028 T-14928
1CT:1CT/1CT:1.41CT
200
3.5
3.5
15
.40
.40
T-13019
T-14819 T-14029 T-14929
1CT:1CT/1CT:1.41CT
250
3.5
3.5
15
.45
.45
T-13020
T-14820 T-14030 T-14930
1CT:1.41CT/1CT:1.41CT
50
2.1
3.0
9
.20
.20
T-13021
T-14821 T-14031 T-14931
1CT:1.41CT/1CT:1.41CT
75
2.3
3.0
10
.25
.25
T-13022
T-14822 T-14032 T-14932
1CT:1.41CT/1CT:1.41CT
100
2.7
3.5
10
.30
.30
T-13023
T-14823 T-14033 T-14933
1CT:1.41CT/1CT:1.41CT
150
3.0
3.5
12
.35
.35
T-13024
T-14824 T-14034 T-14934
1CT:1.41CT/1CT:1.41CT
200
3.5
3.5
15
.40
.40
T-13025
T-14825 T-14035 T-14935
1CT:1.41CT/1CT:1.41CT
250
3.5
3.5
15
.45
.45
T-13026
T-14826 T-14036 T-14936
1CT:1CT/1CT:2CT
50
2.1
3.0
9
.20
.20
T-13027
T-14827 T-14037 T-14937
1CT:1CT/1CT:2CT
75
2.3
3.0
10
.25
.25
T-13028
T-14828 T-14038 T-14938
1CT:1CT/1CT:2CT
100
2.7
3.5
10
.30
.30
T-13029
T-14829 T-14039 T-14939
1CT:1CT/1CT:2CT
150
3.0
3.5
12
.35
.35
T-13030
T-14830 T-14040 T-14940
1CT:1CT/1CT:2CT
200
3.5
3.5
15
.40
.40
T-13031
T-14831 T-14041 T-14941
1CT:1CT/1CT:2CT
250
3.5
3.5
15
.45
.45
T-13032
T-14832 T-14042 T-14942
1CT:2CT/1CT:2CT
50
2.1
3.0
9
.20
.20
T-13033
T-14833 T-14043 T-14943
1CT:2CT/1CT:2CT
75
2.3
3.0
10
.25
.25
T-13034
T-14834 T-14044 T-14944
1CT:2CT/1CT:2CT
100
2.7
3.5
10
.30
.30
T-13035
T-14835 T-14045 T-14945
1CT:2CT/1CT:2CT
150
3.0
3.5
12
.35
.35
T-13036
T-14836 T-14046 T-14946
1CT:2CT/1CT:2CT
200
3.5
3.5
15
.40
.40
T-13037
T-14837 T-14047 T-14947
1CT:2CT/1CT:2CT
250
3.5
3.5
15
.45
.45
26
10BASET2 - 8/97
Electrical Specifications at 25o C
16 Pin 100 mil DIP/SMD
Packages
(Add
G or J to P/N for SMD)
See pg. 40, fig. 4, 5 & 6
D
G
J
High Isolation 2000Vrms
Fast Rise Times
Meets ECMA Requirements
IEEE 802.3 Compatible
(10BASE 2, 10BASE 5, & 10BASE T)
Common Mode
Choke Option
Surface Mount Option with
16 Pin 100 mil versions
10 BASE-T
Transformers
9752
T-14010
G16-50ML
16 Pin 50 mil Package
See pg. 40, fig. 7
1
2
3
16
15
14
6
7
8
11
10
9
16 Pin
Dual CT
Schematic
with
Common
Mode Choke
16 Pin
Dual CT
Schematic
SMD versions
available on
Tape & Reel


Similar Part No. - T-14929

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14927 RHOMBUS-IND-T-14927 Datasheet
29Kb / 1P
   10BASE T ISOLATION TRANSFORMER
More results

Similar Description - T-14929

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS7011AM BOTHHAND-TS7011AM Datasheet
268Kb / 1P
   10 BASE-T ISOLATION TRANSFORMERS
logo
PCA ELECTRONICS INC.
EPE6377S PCA-EPE6377S Datasheet
29Kb / 1P
   10 Base-T Isolation Transformers
logo
API Technologies Corp
7325-7329 APITECH-7325-7329 Datasheet
333Kb / 1P
   Isolation Transformers for 10 Base-T
logo
VITALCONN ELECTRONICS H...
TH16011S VITALCONN-TH16011S Datasheet
643Kb / 2P
   10/100 BASE-T SMT TRANSFORMERS
2021/11/03 (REV:A1)
logo
Rhombus Industries Inc.
T-13051 RHOMBUS-IND-T-13051 Datasheet
25Kb / 1P
   10 BASE-T Applications Isolation Transformers
logo
VITALCONN ELECTRONICS H...
TH16010S1 VITALCONN-TH16010S1 Datasheet
299Kb / 1P
   10/100 BASE-T SMT TRANSFORMERS
TH16020S1 VITALCONN-TH16020S1 Datasheet
279Kb / 1P
   10/100 BASE-T SMT TRANSFORMERS
logo
Filtran LTD
7325 FILTRAN-7325 Datasheet
142Kb / 1P
   LAN Isolation Transformers for 10 Base-T
logo
Bothhand USA, LP.
FB2022A BOTHHAND-FB2022A Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
PM-BT06 BOTHHAND-PM-BT06 Datasheet
259Kb / 1P
   10 Base-T DUAL INTERFACE MODULES TRANSFORMERS & FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com