Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AML1-1-75 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # AML1-1-75
Description  SH6G Series Mini 6-Pin SMD Passive Delay Modules / AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

AML1-1-75 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  AML1-1-75 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
SH6G 2001-01
4
SH6G Series Mini 6-Pin SMD Passive Delay Modules
Delay
(ns)
Rise Time
10%-90%
max. (ns)
DCR
max.
(Ohms)
50 Ohm
Part Number
75 Ohm
Part Number
100 Ohm
Part Number
1.0 ± .20
0.70
0.35
SH6G-0105
SH6G-0107
SH6G-0101
1.5 ± .20
0.80
0.35
SH6G-0155
SH6G-0157
SH6G-0151
2.0 ± .20
0.90
0.35
SH6G-0205
SH6G-0207
SH6G-0201
2.5 ± .25
1.00
0.40
SH6G-0255
SH6G-0257
SH6G-0251
3.0 ± .30
1.20
0.40
SH6G-0305
SH6G-0307
SH6G-0301
4.0 ± .40
1.50
0.45
SH6G-0405
SH6G-0407
SH6G-0401
5.0 ± .40
1.80
0.50
SH6G-0505
SH6G-0507
SH6G-0501
6.0 ± .40
2.20
0.55
SH6G-0605
SH6G-0607
SH6G-0601
7.0 ± .40
2.40
0.55
SH6G-0705
SH6G-0707
SH6G-0701
7.5 ± .40
2.50
0.60
SH6G-0755
SH6G-0757
SH6G-0751
8.0 ± .40
2.60
0.75
SH6G-0805
SH6G-0807
SH6G-0801
9.0 ± .50
2.80
0.75
SH6G-0905
SH6G-0907
SH6G-0901
10.0 ± .60
3.00
0.80
SH6G-1005
SH6G-1007
SH6G-1001
12.0 ± .60
3.30
0.85
SH6G-1105
SH6G-1107
SH6G-1101
1. Rise Times are measured 20% to 80% points.
2. Delay Times measured at 50% points of leading edge.
3. Impedance, Z
O, tolerance + 10 %
4. Output terminated to ground through R
L= ZO
Electrical Specifications at 25OC 1, 2, 3, 4
SH6G Schematic
.405 (10.29)
.425 (10.80)
.270
(6.86)
.286
(7.27)
.010
(0.25)
TYP.
6
5
4
1
2
3
.170
(4.32)
MAX.
.020
(0.38)
.315
(8.00)
MAX.
.038
(0.96)
TYP.
.100
(2.54)
TYP.
TYP.
Dimensions in
Inches (mm)
Standard Impedances: 50, 75, 100
For other impedances (up to 500
Ω)
visit web page or contact factory
DIP version available: SH6D Series
Low Distortion LC Network
Stable Delay vs.
Temperature: 100 ppm/OC
Operating Temperature
Range -55OC to +125OC
Delay
(ns)
Rise Time
20% - 80%
max. (ns)
DCR
max.
(Ohms)
50 Ohm
Part Number
75 Ohm
Part Number
100 Ohm
Part Number
200 Ohm
Part Number
1.0 ± .20
1.6
.20
AML1-1-50
AML1-1-75
AML1-1-10
AML1-1-20
1.5 ± .20
1.6
.30
AML1-1P5-50
AML1-1P5-75
AML1-1P5-10
AML1-1P5-20
2.0 ± .20
1.6
.40
AML1-2-50
AML1-2-75
AML1-2-10
AML1-2-20
2.5 ± .20
1.6
.50
AML1-2P5-50
AML1-2P5-75
AML1-2P5-10
AML1-2P5-20
3.0 ± .20
1.7
.60
AML1-3-50
AML1-3-75
AML1-3-10
AML1-3-20
4.0 ± .20
1.7
.70
AML1-4-50
AML1-4-75
AML1-4-10
AML1-4-20
5.0 ± .25
1.8
.80
AML1-5-50
AML1-5-75
AML1-5-10
AML1-5-20
6.0 ± .30
2.0
.85
AML1-6-50
AML1-6-75
AML1-6-10
AML1-6-20
7.0 ± .30
2.2
.90
AML1-7-50
AML1-7-75
AML1-7-10
AML1-7-20
8.0 ± .30
2.4
.95
AML1-8-50
AML1-8-75
AML1-8-10
AML1-8-20
9.0 ± .30
2.6
1.10
AML1-9-50
AML1-9-75
AML1-9-10
AML1-9-20
10 ± .30
2.8
1.20
AML1-10-50
AML1-10-75
AML1-10-10
AML1-10-20
12 ± .50
3.2
1.50
AML1-12-50
AML1-12-75
AML1-12-10
AML1-12-20
15 ± .70
3.8
1.70
AML1-15-50
AML1-15-75
AML1-15-10
AML1-15-20
20 ± 1.0
4.8
2.00
AML1-20-50
AML1-20-75
AML1-20-10
AML1-20-20
Electrical Specifications at 25OC 1, 2, 3, 4 (refer to Notes 1-4 above)
AML1 Series Mini 16-Pin 50-mil SMD Passive Delay Modules
AML1 Schematic
Low Distortion LC Network
Stable Delay vs. Temperature: 100 ppm/OC
Operating Temp. Range -55OC to +125OC
Standard Impedances: 50, 75, 100
For other impedances (up to 500
Ω)
visit web page or contact factory
1
IN
3
5
6
COM
4
2
COM
COM
OUT
10
9
11
12
13
14
1
34
2
56
8
IN
COM
100%
7
15
16
COM
Dimensions in Inches (mm)
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
AML1 Series


Similar Part No. - AML1-1-75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AML100 ETC-AML100 Datasheet
488Kb / 2P
   AML100 AnalogML™ Chip Product Brief
February 2022
logo
Renesas Technology Corp
AML1005H3N9STS RENESAS-AML1005H3N9STS Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
AML1005H5N6STS RENESAS-AML1005H5N6STS Datasheet
176Kb / 16P
   NPN SiGe RF Transistor for Low Noise, High-Gain
logo
XP Power Limited
AML120 XPPOWER-AML120 Datasheet
143Kb / 2P
   High Power Density
AML120PS12 XPPOWER-AML120PS12 Datasheet
72Kb / 2P
   AC-DC Power Supplies
More results

Similar Description - AML1-1-75

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S470-1403-02 BEL-S470-1403-02 Datasheet
58Kb / 1P
   HIGH-SPEED 14 PIN SMD PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SIL2 RHOMBUS-IND-SIL2 Datasheet
28Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
SP3 RHOMBUS-IND-SP3 Datasheet
26Kb / 1P
   SP3 Series Mini-SIP Passive Delay Modules
SL2T RHOMBUS-IND-SL2T Datasheet
32Kb / 1P
   SIL2 Series Mini-SIP Passive Delay Modules
logo
Bel Fuse Inc.
0402-00.5-55 BEL-0402-00.5-55 Datasheet
54Kb / 1P
   3 PIN SIP PASSIVE DELAY MODULES
0403-0001-50 BEL-0403-0001-50 Datasheet
55Kb / 1P
   4 PIN SIP PASSIVE DELAY MODULES
S407-0000-00 BEL-S407-0000-00 Datasheet
44Kb / 1P
   SMD SINGLE OUTPUT PASSIVE DELAY MODULES
logo
Rhombus Industries Inc.
SP24L RHOMBUS-IND-SP24L Datasheet
37Kb / 1P
   SP24L Series 24-Pin Single Output Passive Delay Modules
SP241 RHOMBUS-IND-SP241 Datasheet
42Kb / 1P
   SP241 Series 24-Pin Single Output Passive Delay Modules
logo
PCA ELECTRONICS INC.
EP9130 PCA-EP9130 Datasheet
30Kb / 1P
   SMD 28 Pin Passive Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com