Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-31303 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-31303
Description  Multi-Purpose Voice & Data Coupling Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-31303 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-31303 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
8
COUPLN56 - 11/98
Multi-Purpose Voice & Data Coupling Transformers
Impedance matching transformers for
telecommunications.
Ideal for a variety of voice and data inter-
connect networks
Isolation is 1500 V
RMS minimum
Longitudinal Balance is 60dB minimum
Frequency range: 300Hz to 3400Hz
Designed to meet FCC part 68
Custom Designs Available
.200
(5.08)
TYP.
.780
(19.8)
.470
(11.9)
.800
(20.32)
.025
(0.64)
DIA.
1.20
(30.5)
1
2
3
6
5
4
Dimensions in Inches (mm)
Unused Pins Omitted as Per Schematic
T-3060X Package per Table Above
T-313XX Package per Table Above
.400
(10.16)
MAX.
1.00
(25.4)
MAX.
.150
(3.81)
TYP.
1.05
(26.7)
MAX.
.580
(14.7)
Pins 020 x .027
(0.51 x 0.69)
1
2
3
4
5
6
7
8
9
10
.200
(5.08)
TYP.
UNBAL.
Insertion
Frequency
Return
Pri.
Sec.
Part
Impedance
DC
Loss (1)
Response
Loss (2)
DCR max.
DCR max.
Schem.
Number
(Ohms)
(mA)
(dB)
(dB)
(dB)
(
Ω )( Ω )Style
T-31350
600 / 600
0.0
0.85
0.25
20
25
35
A
T-31351
600 / 600CT
0.0
0.85
0.25
20
25
35
B
T-31352
600CT / 600CT
0.0
0.85
0.25
20
25
35
C
T-31353
600 / 900
0.0
0.85
0.25
20
25
40
A
T-31354
900 / 900
0.0
0.85
0.25
20
30
40
A
Dry / High Performance
Electrical Specifications at 25OC
UNBAL.
Insertion
Frequency
Return
Pri.
Sec.
Part
Impedance
DC
Loss (1)
Response
Loss (2)
DCR max.
DCR max.
Schem.
Number
(Ohms)
(mA)
(dB)
(dB)
(dB)
(
Ω )( Ω )Style
T-30600
600 / 600
0.0
2.0
0.5
26
65
85
A
T-30601
600 / 600CT
0.0
2.0
0.5
26
65
85
B
T-30602
600CT / 600CT
0.0
2.0
0.5
26
65
85
C
T-30603
600 / 900
0.0
2.0
0.5
26
65
105
A
T-30604
600 / 900CT
0.0
2.0
0.5
26
65
105
B
T-30605
900 / 900
0.0
2.0
0.5
26
85
105
A
T-30606
900 / 900CT
0.0
2.0
0.5
26
85
105
B
T-31300
600 / 600
0.0
1.0
0.5
20
25
35
A
T-31301
600 / 600CT
0.0
1.0
0.5
20
25
35
B
T-31302
600CT / 600CT
0.0
1.0
0.5
20
25
35
C
T-31303
600 / 900
0.0
1.0
1.0
20
25
40
A
T-31304
900 / 900
0.0
1.0
1.0
20
35
40
A
Dry / Economy
Electrical Specifications at 25OC
1. Insertion Loss measured at 1 KHz
2. Return Loss measured at 300 Hz
1
2
3
6
5
4
Schematic "C"
PRI
SEC.
1
3
6
5
4
Schematic "B"
PRI
SEC.
1
3
6
4
Schematic "A"
PRI
SEC.


Similar Part No. - T-31303

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
T-310 COOPER-T-310 Datasheet
129Kb / 2P
   Edison base plug fuses ??dual-element
logo
Rhombus Industries Inc.
T-31000 RHOMBUS-IND-T-31000 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
T-31001 RHOMBUS-IND-T-31001 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
T-31002 RHOMBUS-IND-T-31002 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
T-31003 RHOMBUS-IND-T-31003 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
More results

Similar Description - T-31303

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31000 RHOMBUS-IND-T-31000 Datasheet
51Kb / 1P
   Voice & Data Coupling Transformers
logo
Premier Magnetics, Inc.
PM-MC01 PMI-PM-MC01 Datasheet
252Kb / 9P
   FCC PART68 VOICE/DATA COUPLING TRANSFORMERS
logo
Cornell Dubilier Electr...
TDL335006S1A CDE-TDL335006S1A Datasheet
166Kb / 1P
   General Purpose Coupling Transformers
logo
Premier Magnetics, Inc.
PM-NW01 PMI-PM-NW01 Datasheet
33Kb / 2P
   GENERAL PURPOSE COUPLING TRANSFORMERS
logo
Nuvotem Talema
TGJ-50-6C TALEMA-TGJ-50-6C Datasheet
45Kb / 1P
   General Purpose Coupling Transformers
logo
Rhombus Industries Inc.
T-31015 RHOMBUS-IND-T-31015 Datasheet
27Kb / 1P
   Low Profile Voice And Data Coupling Transformer
T-51100 RHOMBUS-IND-T-51100 Datasheet
30Kb / 1P
   Multi Purpose Transformers
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com