Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14254 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-14254
Description  Common Mode Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-14254 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-14254 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
Specifications are subject to change without notice
CMODE-UU 5/97
UU Style
Common Mode
Inductors
Designed to prevent noise emission in
switching power supplies at input.
Windings balanced to 1%
Isolation 2500 V
RMS
"UU"
L (1)
DCR
I (2)
Part
Min.
Max.
Max.
SRF
Size
Number
(mH)
( Ω )
( A )
( kHz )
Code
L-14200
10.0
3.00
0.30
587
A
L-14201
5.0
2.00
0.30
730
A
L-14202
5.0
1.50
0.50
716
A
L-14203
4.0
1.00
0.70
905
A
L-14204
3.0
0.50
1.00
956
A
L-14205
2.0
0.50
1.00
1254
A
L-14206
1.0
0.40
1.00
1305
A
L-14207
1.0
0.30
1.30
1403
A
L-14208
1.0
0.20
1.50
2101
A
L-14209
0.6
0.15
2.00
2210
A
L-14250
33.0
3.5
0.3
150
B
L-14251
22.0
2.0
0.4
200
B
L-14252
15.0
1.5
0.5
250
B
L-14253
10.0
1.5
0.5
300
B
L-14254
8.0
1.0
0.5
300
B
L-14255
5.0
0.7
0.6
400
B
L-14256
6.0
0.5
0.8
400
B
L-14257
3.0
0.35
1.0
500
B
L-14258
2.0
0.3
1.0
700
B
L-14259
1.0
0.25
1.0
1000
B
L-14260
3.2
0.3
1.2
500
B
L-14261
1.5
0.2
2.0
900
B
L-14262
1.0
0.15
2.0
1000
B
Size "A"
"UU" Package Dimensions in inches (mm)
NEW ! LowProfile
Size "B"
1. Tested at 10 kHz & 100mV
2. 40OC temperature rise.
UU Style Schematic
1
5
10
6
25


Similar Part No. - L-14254

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14255 RHOMBUS-IND-L-14255 Datasheet
18Kb / 1P
   Common Mode Inductor
More results

Similar Description - L-14254

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
   Common Mode Inductors
CMT-8102 TRIAD-CMT-8102 Datasheet
86Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com