Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-14106 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-14106
Description  Common Mode Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-14106 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-14106 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
CMODE-T - 5/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
Size
Dimensions in Inches (mm)
Code
A
B
C
D
A
1.23 (31.2)
1.25 (31.8)
.200 (5.08)
.625 (15.88)
B
1.40 (35.6)
1.40 (35.6)
.200 (5.08)
.900 (22.86)
A
D
C
B
.600
(15.24)
.900
(22.86)
1
4
3
2
Lead Dia. .050 "
Common
Mode Inductors
Toroidal Style
L
DCR
I
L
L
Part
Min.
Max.
Max.
typ.
SRF
Size
Number
(
µH )
( m
Ω )
( A )
(
µH )
( kHz )
Code
L-14100
3500
150
1.3
62
500
A
L-14101
1700
65
2.0
32
850
A
L-14102
1000
36
3.2
22
1250
A
L-14103
750
22
5.0
19
1300
A
L-14104
275
8
13.0
8
2000
A
L-14105
10800
290
1.30
165
125
B
L-14106
7000
150
2.00
100
225
B
L-14107
3700
80
3.20
60
400
B
L-14108
2200
40
5.00
35
600
B
L-14109
580
10
13.00
10
1150
B
* AMBIENT + TEMPERATURE
RISE. In addition, inductance
will be effected by an increase
in temperature. Typically:
20% increase to 500C
40% increase to 1000C
65% increase to 1300C
.400
(10.16)
.800
(20.32)
1
4
3
2
Schematic
Footprint "A"
Footprint "B"
1
4
2
3
24
Single Layer Windings with Spacers specially designed by
Rhombus Industries to provide 3mm Creepage and Clearance
for International Safety Compliance.
Operating Temperature: These parts are made
with materials rated for 1300C minimum, and these
components can be safely operated up to 130OC. *
Designed for Switching
Power Supply Applications.
Especially useful in the
100 kHz to 300kHz Range.
1250 V
RMS HI-POT


Similar Part No. - L-14106

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-14108 RHOMBUS-IND-L-14108 Datasheet
37Kb / 1P
   Common Mode Inductor
More results

Similar Description - L-14106

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
logo
TRIAD MAGNETICS
CMT-8109 TRIAD-CMT-8109 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8101 TRIAD-CMT-8101 Datasheet
86Kb / 1P
   Common Mode Inductors
CMT-8110 TRIAD-CMT-8110 Datasheet
91Kb / 1P
   Common Mode Inductors
CMT-8115 TRIAD-CMT-8115 Datasheet
92Kb / 1P
   Common Mode Inductors
CMT-8105 TRIAD-CMT-8105 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8106 TRIAD-CMT-8106 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8107 TRIAD-CMT-8107 Datasheet
89Kb / 1P
   Common Mode Inductors
CMT-8116 TRIAD-CMT-8116 Datasheet
93Kb / 1P
   Common Mode Inductors
CMT-8102 TRIAD-CMT-8102 Datasheet
86Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com