Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT6603 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # STT6603
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STT6603 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  STT6603 Datasheet HTML 1Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 2Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 3Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 4Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 5Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 6Page - SamHop Microelectronics Corp. STT6603 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ver 1.0
www.samhop.com.tw
Nov,17,2008
TO-223
E
B
g
e
e1
B
1
2
3
A
B
C
C
D
b
E1
0.10 M C B
0.10 M C B
0.10 M C B
0.080
C
DETAIL "A"
C
A2
A
A1
DETAIL "A"
GAUGE PLANE
SEATING PLANE
C
0.25
L
1.50
1.60
0.76
2.84
6.70
4.60
0.81
6.30
BSC
b1
b2
0.23
0.30
b
3.30
3.50
A1
2.30
A
MOM.
MIN.
0.02
0.66
0.60
0.71
b3
2.90
3.00
g
2.95
7.00
MIN.
MIN.
DIMENSIONS MILLIMETER
1.80
0.10
0.0008
1.70
0.0591
0.84
0.0260
0.79
0.0236
3.10
0.1142
3.05
0.1118
0.06
0.35
0.0090
BSC
7.30
0.2638
3.70
0.1300
0.0906
0.1811
0.0319
10°
SYMBOL
c1
D
c
e1
L
E1
e
E
0.23
0.28
0.33
0.0090
A2
MAX.
MOM.
DIMENSIONS INCHE
0.0709
0.0039
0.0630
0.0669
0.0300
0.0330
0.0280
0.0311
0.1181
0.1220
0.1161
0.1200
0.0020
0.1181
0.1378
0.2560
BSC
0.2760
0.2874
0.1378
0.1457
10°
0.0110
0.0130
COMMON
BSC
6.50
6.70
0.2480
0.2638
C1
(C)
b3
b2
SECTION C-C
C1
(C)
b1
b
SECTION B-B
6
STT6603


Similar Part No. - STT6603

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT6601 SECOS-STT6601 Datasheet
489Kb / 6P
   N & P-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT6601 VBSEMI-STT6601 Datasheet
613Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
STT6602 SECOS-STT6602 Datasheet
2Mb / 7P
   N-Ch: 3.3A, 30V, RDS(ON) 65 m P-Ch: -2.3A, -30V, RDS(ON) 120 m N & P-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT6602 VBSEMI-STT6602 Datasheet
613Kb / 9P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - STT6603

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com