Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS8816 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS8816
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS8816 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS8816 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS8816 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
STS8816
Ver 1.0
www.samhop.com.tw
Nov,25,2008
4
VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
60
50
40
30
20
10
0
0.5
1
1.5
3.5
4
0
Gate-Source Voltage
Variation with Source Current
Crss
Coss
Ciss
VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
)
Figure 11. switching characteristics
1200
1000
800
600
400
200
0
0
5
4
3
2
1
0
0
2
4
6
8
10
12
14
16
V DS = 10V
ID=6A
2
4
6
8
10
12
75 C
20.0
10.0
1.0
0.3
0.6
0.9
1.2
1.5
5.0
0
25 C
125 C
125 C
25 C
75 C
2
2.5
3
4.5
ID=6 A
1
10
100
100
10
1
1000
VDS=10V,ID=1A
VGS=4.5V
0.1
1
10
20
10
1
0.1
0.03
80
VGS=4.5V
Single Pulse
TA=25 C
100
ms
1m
s
DC
100
us
10m
s
TD(on)
Tr
TD(off)
Tf


Similar Part No. - STS8816

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS8816 VBSEMI-STS8816 Datasheet
442Kb / 8P
   Dual N-Channel MOSFET
More results

Similar Description - STS8816

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com