Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-843 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-843
Description  Modem Coupling & Voiceband Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-843 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-843 Datasheet HTML 1Page - Rhombus Industries Inc. T-843 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
COUPLING - 9/98
Modem Coupling &
Voiceband Transformers
Low Distortion
Low Profile /SMD Versions
Most Parts Listed are Suitable
for V.32 Applications
Dimensions in Inches (mm)
Package for T-33000 & T-843
4
Footprint Contact
Surface Area,
Not PCB Pad Layout
.248
(6.30)
.394
(10.0)
.080
(2.0)
.012
(0.3)
.022
(0.55)
.453
(11.50)
.024
(0.6)
TYP.
.410
(10.4)
.080
(2.0)
TYP.
.024
(0.6)
TYP.
1
8
4
5
Parameter
T-33000
T-843
Units
Impedance
PRI.
600
600
R Load
SEC.
487
600
Turns Ratio
+ 2%
1:1
1:1
Direct Current in Pri. (DCI)
maximum
0
0
mA
DC Resistance
PRI.
67 + 10%
55 + 10%
SEC.
85 + 10%
43 + 10%
Insertion Loss
max., ref. 1 kHz
1.5
1.0
dB
Return Loss
min., 300 Hz to 3.5 kHz
25
20
dB
Longitudinal Balance
minimum
60
--
dB
60Hz - 1kHz
Frequency Response
300 Hz to 3.5 kHz
+ 0.5
+ 0.7
dB
Total Harmonic Distortion
typ. 600 Hz, -10 dBm
-60
--
dB
Isolation
minimum
1250
150
V
RMS
Schematic Style
A
C
Electrical Specifications at 25OC
1
4
5
8
Schematic
"C"
2
3
8
5
Schematic
"A"
PRI
SEC.
PRI
SEC.


Similar Part No. - T-843

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-843 RHOMBUS-IND-T-843 Datasheet
27Kb / 1P
   AUDIO Transformer 600W
More results

Similar Description - T-843

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-31107 RHOMBUS-IND-T-31107 Datasheet
33Kb / 1P
   Modem Coupling and Voiceband Transformers
T-31104 RHOMBUS-IND-T-31104 Datasheet
29Kb / 1P
   Low Profile Modem Coupling and Voiceband Transformers
T-1076 RHOMBUS-IND-T-1076 Datasheet
21Kb / 1P
   Modem Coupling Transformer
T-31100 RHOMBUS-IND-T-31100 Datasheet
19Kb / 1P
   Modem Coupling Transformer
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
   Modem Coupling Transformer
logo
Abracon Corporation
APT-104 ABRACON-APT-104 Datasheet
412Kb / 4P
   LAN COUPLING TRANSFORMERS
logo
Bi technologies
HT84 BITECH-HT84 Datasheet
71Kb / 5P
   ADSL Coupling Transformers
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
logo
XFMRS Inc.
1102 XFMRS-1102 Datasheet
98Kb / 2P
   PCMCIA MODEM TRANSFORMERS
XF-16P-117 XFMRS-XF-16P-117 Datasheet
51Kb / 1P
   STANDARD MODEM TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com