Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS4622 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STS4622
Description  Dual N-Channel Enhancement Mode Field E ffect Trans is tor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS4622 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

  STS4622 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 7Page - SamHop Microelectronics Corp. STS4622 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SOT 26 Tape and Reel Data
SOT 26 Carrier Tape
SOT 26 Reel
8
S T S 4622
SOT 26
A
4.00
2.00
0.10
+ 0.05
4.00 + 0.10
+
1.00
+0.10
0.00
1.50
+0.10
0.00
1.75
0.10
+
3.50
0.05
+
A
B
B
0.25 + 0.05
R0
.3
R
0.3
Ko 1.5 + 0.1
SECTION A-A
3.3 + 0.1
5
Ma
x
R0
.3
SECTION B-B
9.0
1.50
+1.5
-0
2.2 + 0.5
13.5 +0.5
SCALE 2:1


Similar Part No. - STS4622

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4622 VBSEMI-STS4622 Datasheet
483Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
More results

Similar Description - STS4622

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STS3623 SAMHOP-STS3623 Datasheet
152Kb / 8P
   Dual N-Channel Enhancement Mode Field E ffect Trans is tor
STS3400 SAMHOP-STS3400 Datasheet
716Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Trans is tor
logo
ShenZhen XinDeYi Electr...
US2301 XINDEYI-US2301 Datasheet
353Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Trans is tor
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
   N-Channel E nhancement Mode Field E ffect Transistor
STM8309 SAMHOP-STM8309 Datasheet
512Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
SDM8958 SAMHOP-SDM8958 Datasheet
736Kb / 9P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU405DH SAMHOP-STU405DH Datasheet
120Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU407D SAMHOP-STU407D Datasheet
879Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STU409DH SAMHOP-STU409DH Datasheet
849Kb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
STM8457 SAMHOP-STM8457 Datasheet
1Mb / 11P
   Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com